Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USF1010FC Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # USF1010FC
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF1010FC Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  USF1010FC Datasheet HTML 1Page - Diode Semiconductor Korea USF1010FC Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USF1005FC---USF1060FC
FIG.2 FORWARD DERATING CURVE
Case Temperature, (°C )
FIG.4 PEAK FORWARD SURGE CURRENT
Number Of Cycles At 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
Percent Of Rated Peak Reverse Voltage, %
FIG.1 TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage, ( V )
10000
120
100
80
40
20
1000
100
10
1.0
0.1
60
140
0
TJ=125°C
TJ=25°C
10
8.0
6.0
4.0
2.0
0
150
75
100
125
50
25
0
80
70
60
50
40
30
20
10
0
10
100
1
USF1050FC-USF1060FC
USF1030FC-USF1040FC
USF1005FC-USF1020FC
2.2
2.0
100
10
1.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
5.0
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com