Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5421 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5421
Description  10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5421 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5421 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM5421
FEA TURES
BCM5421
Transformer
RJ-45
BCM5700
Gigabit PCI MAC
10/100/1000BASE-T Network Interface Card
• Provides interoperability with IEEE standard devices
operating at 10, 100, and 1000 Mbps at half- and full-
duplex.
• Lowers system cost and reduces solution footprint.
• Requires no airflow or heatsink.
• Provides compliance with PCI 2.2 and PC99/PC2000.
• Reduces system design constraints to meet EMI
emissions standards.
• Automatically configures the link to support the
highest possible speed based on link partner capability
and characteristics of the channel.
• Cable diagnostic function characterizes cable plant
condition and immediately indicates cabling issues.
• Prevents erroneous equipment return due to bad cable plants.
• Prevents manufacturing fall-out due to bad cable plants.
• High CESD tolerance prevents equipment damage and
return.
• Operates with larger packets for wider range of packet
protocol support and improved efficiency.
• Ease of manufacturing with JTAG support, simplified
power supply, and multiple MAC interfaces.
• Simplifies system and board design.
• RGMII/RTBI reduces I/O pin requirement over GMII and TBI
by more than 50%.
SUMMAR Y
OF
BENEFITS
BCM5421 10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
• Fully integrated 10BASE-T/100BASE-TX/
1000BASE-T Gigabit Ethernet transceiver
• On-chip low-voltage regulators
• Fully compliant with IEEE 802.3, 802.3u, and 802.3ab
standards
• 0.13um CMOS — low-power and cost
• Low power
• 1W per port
• Wake on LAN support
• Advanced power management
• Low EMI emissions
• Ethernet@WireSpeedTM logic automatically selects the
maximum speed based on channel conditions
• Cable plant diagnostic
• Cable plant analyzer function detects cable plant impairments
• Link quality indication LED
• Automatic detection and correction of wiring pair swaps, pair
skew, and pair polarity
• Automatic MDI/MDIX crossover at all speeds
• Robust CESD tolerance
• Support for jumbo packets up to 9 KB
• IEEE 1149.1 (JTAG) boundary scan
• MII, GMII, TBI, RGMII, and RTBI interface options
• 117 BGA and 128 MQFP
1000BASE-T Gigabit Uplink
BCM5421
BCM5421
BCM5605
24FE+2G
Switch
BCM5228
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
®
PRODUCT
PRODUCT
Brief
Brief
BCM5421


Similar Part No. - BCM5421

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5421 BOARDCOM-BCM5421 Datasheet
130Kb / 2P
10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5421 BOARDCOM-BCM5421 Datasheet
143Kb / 2P
10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5421SA2KPF BOARDCOM-BCM5421SA2KPF Datasheet
134Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER WITH SERDES
More results

Similar Description - BCM5421

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5464 BOARDCOM-BCM5464 Datasheet
172Kb / 1P
QUAD-PORT 10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER
BCM5402 BOARDCOM-BCM5402 Datasheet
132Kb / 1P
DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
BCM5461S BOARDCOM-BCM5461S Datasheet
131Kb / 1P
10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
BCM5400 BOARDCOM-BCM5400 Datasheet
126Kb / 1P
100/1000 BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5404 BOARDCOM-BCM5404 Datasheet
163Kb / 1P
QUAD PORT 10/100/1000 BASE - T GIGABIT COPPER TRANSCEIVER
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A2KQMG BOARDCOM-BCM5481A2KQMG Datasheet
123Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
logo
XFMRS Inc.
XFGIB1010D XFMRS-XFGIB1010D Datasheet
72Kb / 2P
DUAL GIGABIT 10/100/1000 BASE-T
XFGIB1010Q XFMRS-XFGIB1010Q Datasheet
90Kb / 2P
GIGABIT 10/100/1000 BASE-T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com