Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31MFKB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31MFKB
Description  AM26C31 Quadruple Differential Line Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31MFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM26C31MFKB Datasheet HTML 6Page - Texas Instruments AM26C31MFKB Datasheet HTML 7Page - Texas Instruments AM26C31MFKB Datasheet HTML 8Page - Texas Instruments AM26C31MFKB Datasheet HTML 9Page - Texas Instruments AM26C31MFKB Datasheet HTML 10Page - Texas Instruments AM26C31MFKB Datasheet HTML 11Page - Texas Instruments AM26C31MFKB Datasheet HTML 12Page - Texas Instruments AM26C31MFKB Datasheet HTML 13Page - Texas Instruments AM26C31MFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
1A
G
2A
4A
G
3A
1
4
7
9
12
15
3Y
10
3Z
11
1Y
2
1Z
3
4Y
14
4Z
13
2Y
6
2Z
5
Copyright © 2016, Texas Instruments Incorporated
10
AM26C31
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
www.ti.com
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The AM26C31 is a quadruple differential line driver with complementary outputs. The device is designed to meet
the requirements of TIA/EIA-422-B and ITU (formerly CCITT), and it is generally used to communicate over
relatively long wires in noisy environments.
8.2 Functional Block Diagrams
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
Figure 6. Logic Diagram (Positive Logic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com