Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC157M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC157M
Description  High-Speed CMOS Logic Quad 2-Input Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC157M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC157M Datasheet HTML 1Page - Texas Instruments CD74HC157M Datasheet HTML 2Page - Texas Instruments CD74HC157M Datasheet HTML 3Page - Texas Instruments CD74HC157M Datasheet HTML 4Page - Texas Instruments CD74HC157M Datasheet HTML 5Page - Texas Instruments CD74HC157M Datasheet HTML 6Page - Texas Instruments CD74HC157M Datasheet HTML 7Page - Texas Instruments CD74HC157M Datasheet HTML 8Page - Texas Instruments CD74HC157M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS153C
The CD54HC158 and
CD74HC158 are obsolete and
no longer are supplied.
Features
• Common Select Inputs
• Separate Enable Inputs
• Buffered inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC157, CD54HCT157, CD54HC158, CD54HCT158
(CERDIP)
CD74HC157, CD74HCT157, CD74HC158
(PDIP, SOIC)
CD74HCT158
(PDIP)
TOP VIEW
Description
The ’HC157, ’HCT157, ’HC158, and ’HCT158 are quad 2-
input multiplexers which select four bits of data from two
sources under the control of a common Select input (S). The
Enable input (E) is active Low. When (E) is High, all of the
outputs in the 158, the inverting type, (1Y-4Y) are forced
High and in the 157, the non-inverting type, all of the outputs
(1Y-4Y) are forced Low, regardless of all other input
conditions.
Moving data from two groups of registers to four common
output buses is a common use of these devices. The state of
the Select input determines the particular register from
which the data comes. They can also be used as function
generators.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
E
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC157F3A
-55 to 125
16 Ld CERDIP
CD54HCT157F3A
-55 to 125
16 Ld CERDIP
CD54HCT158F3A
-55 to 125
16 Ld CERDIP
CD74HC157E
-55 to 125
16 Ld PDIP
CD74HC157M
-55 to 125
16 Ld SOIC
CD74HC157MT
-55 to 125
16 Ld SOIC
CD74HC157M96
-55 to 125
16 Ld SOIC
CD74HCT157E
-55 to 125
16 Ld PDIP
CD74HCT157M
-55 to 125
16 Ld SOIC
CD74HCT157MT
-55 to 125
16 Ld SOIC
CD74HCT157M96
-55 to 125
16 Ld SOIC
CD74HCT158E
-55 to 125
16 Ld PDIP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
September 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC157, CD54/74HCT157,
CD54/74HC158, CD54/74HCT158
High-Speed CMOS Logic
Quad 2-Input Multiplexers
[ /Title
(CD74H
C157,
CD74H
CT157,
CD74H
C158,
CD74H
CT158)
/Subject
(High
Speed


Similar Part No. - CD74HC157M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC157M TI-CD74HC157M Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157M TI-CD74HC157M Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
CD74HC157M HARRIS-CD74HC157M Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD74HC157M TI-CD74HC157M Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157M TI2-CD74HC157M Datasheet
355Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
Revised October 2003
More results

Similar Description - CD74HC157M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
High Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI1-CD54HC08_16 Datasheet
611Kb / 12P
High-Speed CMOS Logic Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com