Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31IDE4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31IDE4
Description  AM26C31 Quadruple Differential Line Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31IDE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM26C31IDE4 Datasheet HTML 8Page - Texas Instruments AM26C31IDE4 Datasheet HTML 9Page - Texas Instruments AM26C31IDE4 Datasheet HTML 10Page - Texas Instruments AM26C31IDE4 Datasheet HTML 11Page - Texas Instruments AM26C31IDE4 Datasheet HTML 12Page - Texas Instruments AM26C31IDE4 Datasheet HTML 13Page - Texas Instruments AM26C31IDE4 Datasheet HTML 14Page - Texas Instruments AM26C31IDE4 Datasheet HTML 15Page - Texas Instruments AM26C31IDE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
VCC
Input 1 Signal
Output 1
Differential Pair
Input 2 Signal
Output 2
Differential Pair
Output 4
Differential Pair
Input 4 Signal
Output 3
Differential Pair
Input 3 Signal
Active Low Enable Signal
0.1 PF
Copyright © 2016, Texas Instruments Incorporated
12
AM26C31
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
www.ti.com
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
When designing a system that uses drivers, receivers, and transceivers that comply with RS-422, proper cable
termination is essential for highly reliable applications with reduced reflections in the transmission line. Because
RS-422 allows only one driver on the bus, if termination is used, it is placed only at the end of the cable near the
last receiver. Factors to consider when determining the type of termination usually are performance requirements
of the application and the ever-present factor, cost. The different types of termination techniques discussed are
unterminated lines, parallel termination, AC termination, and multipoint termination. For laboratory experiments,
100 feet of 100-Ω, 24-AWG, twisted-pair cable (Bertek) was used. A single driver and receiver, TI AM26C31C
and AM26C32C, respectively, were tested at room temperature with a 5-V supply voltage. To show voltage
waveforms related to transmission-line reflections, the first plot shows output waveforms from the driver at the
start of the cable (A/B); the second plot shows input waveforms to the receiver at the far end of the cable (Y).
9.2 Typical Application
Figure 8. Differential Terminated Configuration With All Channels and Active Low Enable Used
9.2.1 Design Requirements
Resistor and capacitor (if used) termination values are shown for each laboratory experiment, but vary from
system to system. For example, the termination resistor, RT, must be within 20% of the characteristic impedance,
Zo, of the cable and can vary from about 80 Ω to 120 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com