Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTS Datasheet(PDF) 1 Page - Bi technologies

Part # SSTS
Description  Temperature Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SSTS Datasheet(HTML) 1 Page - Bi technologies

  SSTS Datasheet HTML 1Page - Bi technologies SSTS Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7
7-37
SSTS Series
DESCRIPTION
The standard SSTS functionality combines a highly
accurate temperature sensor and a switch in a low cost,
compact, rugged unit. Temperature is monitored using a
thermistor configured with precision matched thick film
resistors in a bridge configuration. The module also
contains the control and amplifier electronics necessary to
drive a relay, used to switch motors or valves to control
the temperature in a system. The external load is driven
by the SSTS output transistor. The circuit can be tailored
for different input voltages, such as 12 Vdc, ideally suited
for automotive HVAC applications. The module "trips" at a
desired set point, and resets at an upper trip point
established by the hysteresis parameter (+1.5°C typical).
The module is designed with a "nose" protrusion that
extends into the flow path of the medium being measured.
This is typically placed in the evaporator of an air
conditioning unit. The electrical interface consists of +Vin,
Ground, and Output. The modules are constructed using
hybrid technology on a ceramic substrate.
The SSTS is exclusively available for customer specific
applications. The following design parameters need to be
specified by the customer:
• Lower temperature trip point
• Upper temperature trip point
• Output drive requirement
• "Nose" configuration
• Attachment configuration
• Socket/connector interface configuration.
• Nominal and min./max. supply voltage
NEW PRODUCT
SSTS SERIES
Solid State
Temperature Switch
CUSTOM POWER MODULES
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
9
12
16
Vdc
Quiescent Current
Vin = 12V
10
mA
Trip Point
Nom. -0.5
*
Nom. +0.5
°C
Hysteresis
**
°C
Output Saturation
Ic = 150mA
0.3
V
Operating Temperature
-40
+85
°C
ELECTRICAL
* Trip point available in 0.5°C increments.
** Custom Hysteresis settings are available (1.5°C typical).
Specifications subject to change without notice.
SSTS shown prior to encapsulation and as a finished assembly.


Similar Part No. - SSTS

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSTS20100 SILIKRON-SSTS20100 Datasheet
324Kb / 6P
High Junction Temperature
SSTS20100D SILIKRON-SSTS20100D Datasheet
327Kb / 5P
High Junction Temperature
SSTS20100I SILIKRON-SSTS20100I Datasheet
278Kb / 5P
High Junction Temperature
SSTS20100R SILIKRON-SSTS20100R Datasheet
313Kb / 6P
High Junction Temperature
SSTS20120 SILIKRON-SSTS20120 Datasheet
321Kb / 6P
High Junction Temperature
More results

Similar Description - SSTS

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Seiko Instruments Inc
S-5841 SII-S-5841 Datasheet
588Kb / 25P
TEMPERATURE SWITCH IC
logo
ON Semiconductor
MAX6501 ONSEMI-MAX6501 Datasheet
125Kb / 12P
Ultra Small Temperature Switch
February, 2003 - Rev. 2
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
logo
Seiko Instruments Inc
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
TEMPERATURE SWITCH IC
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
TEMPERATURE SWITCH IC
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com