Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8406
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 18Page - Cirrus Logic CS8406 Datasheet HTML 19Page - Cirrus Logic CS8406 Datasheet HTML 20Page - Cirrus Logic CS8406 Datasheet HTML 21Page - Cirrus Logic CS8406 Datasheet HTML 22Page - Cirrus Logic CS8406 Datasheet HTML 23Page - Cirrus Logic CS8406 Datasheet HTML 24Page - Cirrus Logic CS8406 Datasheet HTML 25Page - Cirrus Logic CS8406 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
CS8406
22
DS580F1
7.
CONTROL PORT REGISTER SUMMARY
Notes:
Reserved registers must not be written to during normal operation. Some reserved registers are used
for test modes, which can completely alter the normal operation of the CS8406.
Addr
(HEX)
Function
7
6
5
4
3
2
1
0
00
Reserved
0
0
0
0
0
0
0
0
01
Control 1
0
VSET
0
MUTEAES
0
INT1
INT0
TCBLD
02
Control 2
0
0
0
0
0
MMT
MMCST
MMTLR
03
Data Flow Control
0
TXOFF
AESBP
0
0
0
0
0
04
Clock Source Control
0
RUN
CLK1
CLK0
0
0
0
0
05
Serial Input Format
SIMS
SISF
SIRES1
SIRES0
SIJUST
SIDEL
SISPOL SILRPOL
06
Reserved
0
0
0
0
0
0
0
0
07
Interrupt 1 Status
TSLIP
0
0
0
0
0
EFTC
0
08
Interrupt 2 Status
0
0
0
0
0
EFTU
0
0
09
Interrupt 1 Mask
TSLIPM
0
0
0
0
0
EFTCM
0
0A
Interrupt 1 Mode (MSB) TSLIP1
0
0
0
0
0
EFTC1
0
0B
Interrupt 1 Mode (LSB)
TSLIP0
0
0
0
0
0
EFTC0
0
0C
Interrupt 2 Mask
0
0
0
0
0
EFTUM
0
0
0D
Interrupt 2 Mode (MSB)
0
0
0
0
0
EFTU1
0
0
0E
Interrupt 2 Mode (LSB)
0
0
0
0
0
EFTU0
0
0
0F-11 Reserved
0
0
0
0
0
0
0
0
12
CS Data Buffer Control
0
0
BSEL
0
0
EFTCI
CAM
0
13
U Data Buffer Control
0
0
0
UD
UBM1
UBM0
0
EFTUI
1D-1F Reserved
0
0
0
0
0
0
0
0
20-37 C or U Data Buffer
7F
ID and Version
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0
Table 1. Control Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com