Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF363AMTD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363AMTD
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363AMTD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CF363AMTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS90C363A/DS90CF363A
+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel
Display (FPD) Link-65 MHz
+3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD)
Link-65 MHz
General Description
The DS90C363A/DS90CF363A transmitter converts 21 bits
of CMOS/TTL data into three LVDS (Low Voltage Differential
Signaling) data streams. A phase-locked transmit clock is
transmitted in parallel with the data streams over a fourth
LVDS link. Every cycle of the transmit clock 21 bits of input
data are sampled and transmitted. At a transmit clock fre-
quency of 65 MHz, 18 bits of RGB data and 3 bits of LCD
timing and control data (FPLINE, FPFRAME, DRDY) are
transmitted at a rate of 455 Mbps per LVDS data channel.
Using a 65 MHz clock, the data throughput is 170 Mbytes/
sec. The DS90C363A transmitter can be programmed for
Rising edge strobe or Falling edge strobe through a dedi-
cated pin. The DS90CF363A is fixed as a Falling edge
strobe transmitter. A Rising edge or Falling edge strobe
transmitter will interoperate with a Falling edge strobe Re-
ceiver (DS90CF364) without any translation logic.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n 20 to 65 MHz shift clock support
n Rejects > ± 3ns Jitter from VGA chip with less than
225ps output Jitter @65MHz (TJCC)
n Best–in–Class Set & Hold Times on TxINPUTs
n Tx power consumption <130 mW (typ) @65MHz
Grayscale
n >50% Less Power Dissipation than BiCMOS
Alternatives
n Tx Power-down mode <200µW (max)
n ESD rating >7 kV (HBM), >500V (EIAJ)
n Supports VGA, SVGA, XGA and Dual Pixel SXGA.
n Narrow bus reduces cable size and cost
n Up to 1.3 Gbps throughput
n Up to 170 Megabytes/sec bandwidth
n 345 mV (typ) swing LVDS devices for low EMI
n PLL requires no external components
n Compatible with TIA/EIA-644 LVDS standard
n Low profile 48-lead TSSOP package
n Improved replacement for:
SN75LVDS85 — DS90C363A
SN75LVDS84 — DS90CF363A
Block Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS90C363A/DS90CF363A
DS100138-1
Order Number DS90C363AMTD or DS90CF363AMTD
See NS Package Number MTD48
June 1998
© 1998 National Semiconductor Corporation
DS100138
www.national.com


Similar Part No. - DS90CF363AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363 NSC-DS90CF363 Datasheet
184Kb / 9P
3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
logo
Texas Instruments
DS90CF363B TI1-DS90CF363B Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B Datasheet
922Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90CF363AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com