Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM78D Datasheet(PDF) 4 Page - Bi technologies

Part # HM78D
Description  Shielded Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM78D Datasheet(HTML) 4 Page - Bi technologies

  HM78D Datasheet HTML 1Page - Bi technologies HM78D Datasheet HTML 2Page - Bi technologies HM78D Datasheet HTML 3Page - Bi technologies HM78D Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Shielded Surface
Mount Coupled Inductors
MODELS HM78D-128XXXXLF, HM78D-755XXXMLF
Make Possible
HM78D - 128 4R7 M LF TR
OrderingInformation
Model Series
Case Size:
128, 755
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
Tape & Reel Packing
Lead-Free
Inductance Tolerance
K = ± 10%
M = ± 20%
Specifications@25°Ccontinued
Parallel Connection
Series Connection
Part Number
L (1)
(μH)
DCR Typ. (2)
(Ω)
l
sat
(3)
(A)
l
rms
(4)
(A)
L (1)
(μH)
DCR Typ. (2)
(Ω)
l
sat
(3)
(A)
l
rms
(4)
(A)
HM78D-7556R8MLF
6.8 ± 20%
0.0418
3.67
2.60
29.38 ± 20%
0.167
1.84
1.30
HM78D-7558R2MLF
8.2 ± 20%
0.0441
3.40
2.53
34.26 ± 20%
0.177
1.70
1.27
HM78D-755100MLF
10 ± 20%
0.0489
3.17
2.41
39.53 ± 20%
0.196
1.58
1.20
HM78D-755150MLF
15 ± 20%
0.0637
2.48
2.11
64.36 ± 20%
0.255
1.24
1.05
HM78D-755220MLF
22 ± 20%
0.0925
2.13
1.75
86.92 ± 20%
0.371
1.07
0.874
HM78D-755330MLF
33 ± 20%
0.143
1.73
1.41
132 ± 20%
0.574
0.87
0.702
HM78D-755470MLF
47 ± 20%
0.216
1.41
1.15
198.6 ± 20%
0.865
0.71
0.573
HM78D-755680MLF
68 ± 20%
0.265
1.19
1.03
278.7 ± 20%
1.06
0.60
0.517
HM78D-755820MLF
82 ± 20%
0.345
1.11
0.91
323.8 ± 20%
1.38
0.55
0.453
HM78D-755101MLF
100 ± 20%
0.383
0.99
0.86
406.4 ± 20%
1.53
0.49
0.430
HM78D-755151MLF
150 ± 20%
0.591
0.81
0.69
600 ± 20%
2.37
0.41
0.346
HM78D-755221MLF
220 ± 20%
0.907
0.66
0.56
908 ± 20%
3.63
0.33
0.279
HM78D-755331MLF
330 ± 20%
1.41
0.54
0.45
1342 ± 20%
5.66
0.27
0.224
HM78D-755471MLF
470 ± 20%
1.74
0.46
0.40
1861 ± 20%
6.97
0.23
0.202
HM78D-755681MLF
680 ± 20%
2.58
0.38
0.33
2685 ± 20%
10.30
0.19
0.166
HM78D-755821MLF
820 ± 20%
2.93
0.35
0.31
3251 ± 20%
11.70
0.17
0.156
HM78D-755102MLF
1000 ± 20%
3.89
0.31
0.27
4036 ± 20%
15.60
0.16
0.135
Case Size
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
R
S
128
12.5
12.5
8.05
5.0
5.0
3.5
1.5
4.2
5.5
4.5
2.0
12.8
4.2
4.5
2.0
4.2
5.5
4.5
755
7.7
7.7
4.8
3.9
2.7
1.55
0.72
2.2
2.8
3.1
1.0
7.5
2.2
3.1
1.0
2.2
2.8
3.1
Notes: (1)Inductanceismeasuredat100kHz,0.1VrmswithoutDCcurrent.
(2)DCRTyp.isonlyfor755serieswhile128seriesisofDCRMax.
(3)I
satisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitial(zeroDC)value.
(4)I
rmsistheapproximatecurrentatwhichΔT=40°C.
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 128
=
500 Units
Case size 755
=
1,000 Units
Packaging
OutlineDimensions(mm)
Top View
Side View
Bottom View
Recommended Solder Pad Layout
Rev. 01
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
www.ttelectronicsmagnetics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com