Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM32Z Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BYM32Z
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYM32Z Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BYM32Z Datasheet HTML 1Page - Diode Semiconductor Korea BYM32Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
10
1
100
10
0.1
100
0.1
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
20
40
60
100
f=1MHz
TJ=25
0
Tj = 2 5
20
40
60
80
100
0 . 0 1
0 . 1
1
10
100
Tj = 1 0 0
Tj = 1 5 0
20
40
60
80
120
100
140
T L= BO T H LEAD S T O
HE A T DINK M O UNT E D
LEN G T H S (L)AS SH O W N
60H zR ESIST IVE O R
INDUCT IVE LO A D
0
16 0
1 .0
3 .0
2 .0
4 .0
5 .0
6 .0
7 .0
8 .0
L=0.31"(7.9m m )
L=0.25"(6.3m m )
L=0.50"(12.7m m )
TA=AM BIENT TEM PERATURE
0.375"(9.5m m )LE A D LE N G T H
P.C .B.M O UN TN G
T J =2 5
P uls e W idth =3 00u S
10
4
2
0.6
0.8
0.9
1
1.1
1.2
0.01
0.02
0.04
0.1
0.2
0.4
1.0
100
12
4
10
820
40 60 80 100
200
0
50
100
150
TJ=125℃
8.3ms Single Half
Sine-Wave
SURGE CURRENT
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE, VOLTS
PULSE DURATION, SEC
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
BY M 3 2(Z)
TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 --MAXIMUM NON-REPETITIVE PEAK FORWARD
CHARACTERISTICS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com