Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27EE16FZECT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY27EE16FZECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZECT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY27EE16FZECT Datasheet HTML 9Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 10Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 11Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 12Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 13Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 14Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 15Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 16Page - Cypress Semiconductor CY27EE16FZECT Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *B
Page 13 of 17
Absolute Maximum Conditions
Recommended Operating Conditions
DC Electrical Specifications
DC Electrical Specifications – 2.5V Outputs
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
–0.5
7.0
V
TS
Storage Temperature
–65
125
°C
TJ
Junction Temperature
–40
100
°C
Logic Inputs
VSS – 0.5
VDD + 0.5
V
I2C interface (SDAT and SCL)
–0.5
5.5
V
Digital Outputs referred to VDD
VSS – 0.5
VDD + 0.5
V
Electro-Static Discharge
2000
V
VCXO
Analog Input
–0.5
VDD + 0.5
V
Endurance (@ 25°C)
1,000,000 (100k/page)
writes
Data retention
10
yrs
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
VDDL
Operating Voltage
2.375
2.5, 3.3
3.465
V
TA
Ambient Temperature, Industrial grade
–40
85
°C
TA
Ambient Temperature, Commercial grade
0
70
°C
CLOAD
Max. Load Capacitance
15
pF
tPU
Power-up time for all VDD’s to reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms
Parameter
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output High Current[2]
VOH = VDD – 0.5, VDD = 3.3V
12
24
mA
IOL
Output Low Current[2]
VOL = 0.5, VDD = 3.3V
12
24
mA
VIH
Input High Voltage
CMOS levels
0.7 * VDD
V
VIL
Input Low Voltage
CMOS levels
0.3 * VDD
V
CIN
Input Capacitance[2, 3]
7pF
IIZ
Input Leakage Current
Except XTAL pins
10
µA
f∆XO
VCXO Pullability Range[2]
+150
ppm
VVCXO
VCXO Input Range[2]
0VDD
V
fVBW
VCXO Input Bandwidth[2]
DC
200
kHz
IVDD
Supply Current
45
mA
ISB
Supply Current - Power
Down Mode Enabled
Current drawn while part is in
standby.
540
µA
Parameter
Name
Description
Min.
Typ.
Max.
Unit
IOH2.5
Output High Current[2, 4]
VOH = VDD – 0.5, VDD = 3.3 V, VDDL = 2.5V
12
24
mA
IOL2.5
Output Low Current[2, 4]
VOL = 0.5, VDD = 3.3 V, VDDL=2.5V
12
24
mA
Notes:
2.Guaranteed by design, not 100% tested.
3.Crystal must meet Table 15 specifications.
4.VDD is only specified and characterized at 3.3V + 5%. VDDL may be powered at any value between 3.465 and 2.375.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com