Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF60BA40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF60BA40
Description  DIODE (THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF60BA40 Datasheet(HTML) 2 Page - SanRex Corporation

  DF60BA40 Datasheet HTML 1Page - SanRex Corporation DF60BA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF60BA40/80
Forward Voltage Drop max.
Forward Voltage Drop VF(V)
50
20
0.
1.
100
200
10
Tj=25℃
Output Current vs.Power Dissipation,
max.(Three phase, full wave)
Output Current ID(A)
20
40
60
140
100
160
120
80
10
20
60
40
50
30
Output Current ID(A)
Output Current vs. Allowable case Temp
150
140
130
120
110
100
90
30
40
50
60
70
10
20
Three Phase
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
200
400
600
800
1000
20
50
10
100
60Hz
50Hz
Per one element
Tj=25℃ start
0.
15
0.
0.
05
0.
0.
25
0.
Transient Thermal Impedance(max)
Time
t(sec)
10
-1
10
10
Junction to Case
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com