Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8531E/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8531E/2K5
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531E/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8531E/2K5 Datasheet HTML 5Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 6Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 7Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 8Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 9Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 10Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 11Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 12Page - Texas Instruments DAC8531E/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DAC8531
9
SBAS192B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = 2.7V
At TA = +25°C, VDD = 2.7V, unless otherwise noted.
NOTE: All references to IDD include IREF current.
FULL-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
20
15
10
5
0
–5
–10
–15
–20
I
DD HISTOGRAM
I
DD (µA)
2000
1500
1000
500
0
100
130
160
190
220
250
280
310
340
370
400
SOURCE AND SINK CURRENT CAPABILITY
0
I
SOURCE/SINK (mA)
510
15
3.0
2.5
2.0
1.5
1.0
0.5
0.0
DAC Loaded with FFFF
H
DAC Loaded with 0000
H
500
400
300
200
100
0
SUPPLY CURRENT vs DIGITAL INPUT CODE
0000
H
Digital Input Code
2000
H 4000H 6000H 8000H A000H C000H E000H FFFFH
POWER SUPPLY CURRENT vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
350
300
250
200
150
100
50
0
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
0
V
LOGIC (V)
0.5
1
1.5
2
2.5
3
200
180
160
140
120
100
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com