Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM293MDREP
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM293MDREP Datasheet(HTML) 1 Page - Texas Instruments

  LM293MDREP Datasheet HTML 1Page - Texas Instruments LM293MDREP Datasheet HTML 2Page - Texas Instruments LM293MDREP Datasheet HTML 3Page - Texas Instruments LM293MDREP Datasheet HTML 4Page - Texas Instruments LM293MDREP Datasheet HTML 5Page - Texas Instruments LM293MDREP Datasheet HTML 6Page - Texas Instruments LM293MDREP Datasheet HTML 7Page - Texas Instruments LM293MDREP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
V
CC
2OUT
2IN–
2IN+
LM293...DPACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM293-EP
DUAL DIFFERENTIAL COMPARATOR
SLCS155 – OCTOBER 2007
www.ti.com
• Controlled Baseline
• Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typical Per
–
One Assembly
Comparator
–
Test Site
• Low Input Bias Current . . . 25 nA Typical
–
One Fabrication Site
• Low Input Offset Voltage . . . 2 mV Typical
• Extended Temperature Performance of
• Common-Mode Input Voltage Range Includes
–55
°C to 125°C
Ground
• Enhanced Diminishing Manufacturing Sources
• Differential Input Voltage Range Equal to
(DMS) Support
Maximum-Rated Supply Voltage . . . ±36 V
• Enhanced Product Change Notification
• Low Output Saturation Voltage
• Qualification Pedigree (1)
• Output Compatible With TTL, MOS, and CMOS
• Single Supply or Dual Supplies
• Wide Range of Supply Voltage
–
Max Rating . . . 2 V to 36 V
–
Tested to 30 V
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold-compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This device consist of two independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
The LM293-EP is characterized for operation from –55
°C to 125°C.
ORDERING INFORMATION(1)
VIOmax
TA
MAX VCC
PACKAGE(2)
ORDERABLE PART NUMBER
TOPSIDE MARKING
AT 25
°C
–55
°C to 125°C 5 mV
30 V
SOIC – D
Reel of 2500
LM293MDREP
LM293E
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM293MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM293MDREP TI1-LM293MDREP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293MDREP TI1-LM293MDREP Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293MDREP TI2-LM293MDREP Datasheet
384Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
OCTOBER 2007
LM293MDREP.A TI2-LM293MDREP.A Datasheet
384Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
OCTOBER 2007
More results

Similar Description - LM293MDREP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_10 Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com