Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1010CT Datasheet(PDF) 2 Page - Formosa MS

Part # SF1010CT
Description  Super Fast Recovery Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF1010CT Datasheet(HTML) 2 Page - Formosa MS

  SF1010CT Datasheet HTML 1Page - Formosa MS SF1010CT Datasheet HTML 2Page - Formosa MS SF1010CT Datasheet HTML 3Page - Formosa MS SF1010CT Datasheet HTML 4Page - Formosa MS SF1010CT Datasheet HTML 5Page - Formosa MS SF1010CT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
10A Super Fast Recovery
Rectifiers - 50V-600V
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Super Fast Recovery Rectifiers
Features
• Dual rectifier construction, positive centetap, offer 5.0A
half wave and 10.0A full wave rectification
High surge current capability.
• Super fast recovery time for switching mode application.
.
Glass passivated chip junctions.
Lead-free parts meet environmental standards of
MIL-STD-19500/228
• Suffix "-H" indicates Halogen-free parts, ex. SF1005CT-H.
•
• Low power loss
•
•
SF1005CT THRU SF1060CT
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : JEDEC TO-220AB molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity:
• Mounting Position : Any
• Weight : Approximated 2.10gram
•
As marked
Package outline
Dimensions in inches and (millimeters)
TO-220AB
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
1
2
3
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.038(0.96)
0.019(0.50)
0.1(2.54)
PIN 1
PIN 3
PIN 2
0.054(1.39)
0.045(1.15)
0.025(0.65)MAX
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage
at IF=5A
per leg
Maximum DC reverse current
at TJ =25°C
per leg at TJ =125°C
at rated DC blocking voltage
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Maximum reverse recovery time
(Note 1)
per leg
Note 1: Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance junction to case per leg
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
RθJC
trr
SF1005CT
50
35
50
SF1010CT
0.98
100
70
100
SF1020CT
-55 to +150
-65 to +175
5.0
250
35
200
140
200
10
100
2.5
SF1040CT
400
280
400
1.30
SF1060CT
1.70
600
420
600
UNIT
°C
°C
UNIT
uA
uA
UNIT
°C/W
ns
V
V
V
A
A
V
SF1005CT
SF1010CT
SF1020CT
SF1040CT
SF1060CT
SF1005CT
SF1010CT
SF1020CT
SF1040CT
SF1060CT
DS-222439
2009/08/10
2014/08/15
E
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com