Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5246CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5246CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5246CS Datasheet HTML 5Page - Intersil Corporation EL5246CS Datasheet HTML 6Page - Intersil Corporation EL5246CS Datasheet HTML 7Page - Intersil Corporation EL5246CS Datasheet HTML 8Page - Intersil Corporation EL5246CS Datasheet HTML 9Page - Intersil Corporation EL5246CS Datasheet HTML 10Page - Intersil Corporation EL5246CS Datasheet HTML 11Page - Intersil Corporation EL5246CS Datasheet HTML 12Page - Intersil Corporation EL5246CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Typical Performance Curves (Continued)
Slew Rate vs Die Temperature
Large Signal Pulse Response (Split Supplies)
Large Signal Pulse Response (Single Supply)
Small Signal Pulse Response (Single Supply)
Small Signal Pulse Response (Split Supply)
Settling Time vs Settling Accuracy
2
3
1
0
4
Time (20ns/div)
VS=5V
RL=150Ω to 0V
RF=1kΩ
AV=2
VS=5V
RL=150Ω to 0V
RF=1kΩ
AV=2
1.5
1.7
1.3
1.1
1.9
Time (20ns/div)
0
2
-2
-4
4
Time (20ns/div)
VS=±2.5V
RL=150Ω to 0V
RF=1kΩ
AV=2
0
0.2
-0.2
-0.4
0.4
Time (20ns/div)
VS=±2.5V
RL=150Ω to 0V
RF=1kΩ
AV=2
60
80
20
40
0
100
0.01
0.1
Settling Accuracy (%)
1
RL=1kΩ
RF=500Ω
AV=-1
VSTEP=3V
200
150
250
-55
25
Die Temperature (°C)
145
-15
65
105
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com