Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLF25 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # PLF25
Description  Fully Isolated Plastic Case with IP65 Level
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF25 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  PLF25_16 Datasheet HTML 1Page - Arch Electronics Corp. PLF25_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_7
update : 2015.05.15
LED Power
PLF25 SERIES
25 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Note:
MECHANICAL DIMENSION
( Top View )
DERATING
1. Please check the derating curve for more details.
2. This is the suitable operation region for LED related application.but please reconfirm special electrical requirements for some specific
system
design
3. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
4. (1) Current Regulation <±7.5% (at 115VAC Input Voltage)
(2)Current Regulation <±10% (at other Input Voltage)
5. Please contact us for more information.
6. It's recommended to add Varistor 14S471K at L / N input side in parallel.
7. This driver is suggested for LED application only.
8. Direct connection to LEDs is suggested. Connecting additional drivers would not be appropriate.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com