Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC16 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC16
Description  CMOS 16K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC16 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT24LC16
CMOS 16K 2-Wire Serial EEPROM
Block Diagram
Pin Assignment
Pin Description
Pin Name
I/O
Description
A0~A2
I
Address input
SDA
I/O
Serial data
SCL
I
Serial clock input
WP
I
Write protect
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Rev. 1.30
1
November 25, 2003
Features
· Operating voltage: 2.2V~5.5V
· Low power consumption
- Operation: 5mA max.
- Standby: 5mA max.
· Internal organization: 2048´8
· 2-wire Serial Interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Partial page write allowed
· 16-byte Page Write Mode
· Write operation with built-in timer
· Hardware controlled write protection
· 40-year data retention
· 106 rewrite cycles per word
· Commercial temperature range (0°Cto+70°C)
· 8-pin DIP/SOP package
General Description
The HT24LC16 is an 16K-bit serial read/write
non-volatile memory device using the CMOS floating
gate process. Its 16384 bits of memory are organized
into 2048 words and each word is 8 bits. The device is
optimized for use in many industrial and commercial ap-
plications where low power and low voltage operation
are essential. Up to only one HT24LC16 device may be
connected to the same 2-wire bus. The HT24LC16 is
guaranteed for 1M erase/write cycles and 40-year data
retention.
1
2
3
4
8
7
6
5
H T 2 4 L C 1 6
8 D I P - A / S O P - A
A 0
A 1
A 2
V S S
V C C
W P
S C L
S D A
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
A 0 ~ A 2
V S S
X
D
E
C
E E P R O M
A r r a y
P a g e B u f f e r
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p
W P
V C C


Similar Part No. - HT24LC16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
CMOS 16K 2-Wire Serial EEPROM
January 16, 2014
More results

Similar Description - HT24LC16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86 Datasheet
127Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
March 16, 2006
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
logo
Sanyo Semicon Device
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
CMOS 16K 2-Wire Serial EEPROM
January 16, 2014
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com