Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5244CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5244CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL5244CSZ Datasheet HTML 1Page - Intersil Corporation EL5244CSZ Datasheet HTML 2Page - Intersil Corporation EL5244CSZ Datasheet HTML 3Page - Intersil Corporation EL5244CSZ Datasheet HTML 4Page - Intersil Corporation EL5244CSZ Datasheet HTML 5Page - Intersil Corporation EL5244CSZ Datasheet HTML 6Page - Intersil Corporation EL5244CSZ Datasheet HTML 7Page - Intersil Corporation EL5244CSZ Datasheet HTML 8Page - Intersil Corporation EL5244CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL5144CW-T7
5-Pin SOT-23*
7” (3K pcs)
MDP0038
EL5144CW-T7A
5-Pin SOT-23*
7” (250 pcs)
MDP0038
EL5144CWZ-T7
(See Note)
5-Pin SOT-23*
(Pb-free)
7” (3K pcs)
MDP0038
EL5144CWZ-T7A
(See Note)
5-Pin SOT-23*
(Pb-free)
7” (250 pcs)
MDP0038
EL5146CN
8-Pin PDIP
-
MDP0031
EL5146CS
8-Pin SOIC
-
MDP0027
EL5146CS-T7
8-Pin SOIC
7”
MDP0027
EL5146CS-T13
8-Pin SOIC
13”
MDP0027
EL5146CSZ
(See Note)
8-Pin SOIC
(Pb-free)
-
MDP0027
EL5146CSZ-T7
(See Note)
8-Pin SOIC
(Pb-free)
7”
MDP0027
EL5146CSZ-T13
(See Note)
8-Pin SOIC
(Pb-free)
13”
MDP0027
EL5244CN
8-Pin PDIP
-
MDP0031
EL5244CS
8-Pin SOIC
-
MDP0027
EL5244CS-T7
8-Pin SOIC
7”
MDP0027
EL5244CS-T13
8-Pin SOIC
13”
MDP0027
EL5244CSZ
(See Note)
8-Pin SOIC
(Pb-free)
-
MDP0027
EL5244CSZ-T7
(See Note)
8-Pin SOIC
(Pb-free)
7”
MDP0027
EL5244CSZ-T13
(See Note)
8-Pin SOIC
(Pb-free)
13”
MDP0027
EL5244CY
8-Pin MSOP
-
MDP0043
EL5244CY-T13
8-Pin MSOP
13”
MDP0043
EL5244CYZ
(See Note)
8-Pin MSOP
(Pb-free)
-
MDP0043
EL5244CYZ-T7
(See Note)
8-Pin MSOP
(Pb-free)
7”
MDP0043
EL5244CYZ-T13
(See Note)
8-Pin MSOP
(Pb-free)
13”
MDP0043
EL5246CN
14-Pin PDIP
-
MDP0031
EL5246CS
14-Pin SOIC
-
MDP0027
EL5246CS-T7
14-Pin SOIC
7”
MDP0027
EL5246CS-T13
14-Pin SOIC
13”
MDP0027
EL5246CSZ
(See Note)
14-Pin SOIC
(Pb-free)
-
MDP0027
EL5246CSZ-T7
(See Note)
14-Pin SOIC
(Pb-free)
7”
MDP0027
EL5246CSZ-T13
(See Note)
14-Pin SOIC
(Pb-free)
13”
MDP0027
EL5246CY
10-Pin MSOP
-
MDP0043
EL5246CY-T13
10-Pin MSOP
13”
MDP0043
EL5246CYZ
(See Note)
10-Pin MSOP
(Pb-free)
-
MDP0043
EL5246CYZ-T7
(See Note)
10-Pin MSOP
(Pb-free)
7”
MDP0043
EL5246CYZ-T13
(See Note)
10-Pin MSOP
(Pb-free)
13”
MDP0043
EL5444CN
14-Pin PDIP
-
MDP0031
EL5444CS
14-Pin SOIC
-
MDP0027
EL5444CS-T7
14-Pin SOIC
7”
MDP0027
EL5444CS-T13
14-Pin SOIC
13”
MDP0027
EL5444CSZ
(See Note)
14-Pin SOIC
(Pb-free)
-
MDP0027
EL5444CSZ-T7
(See Note)
14-Pin SOIC
(Pb-free)
7”
MDP0027
EL5444CSZ-T13
(See Note)
14-Pin SOIC
(Pb-free)
13”
MDP0027
EL5444CU
16-Pin QSOP
-
MDP0040
EL5444CU-T13
16-Pin QSOP
13”
MDP0040
EL5444CUZ
(See Note)
16-Pin QSOP
(Pb-free)
-
MDP0040
EL5444CUZ-T7
(See Note)
16-Pin QSOP
(Pb-free)
7”
MDP0040
EL5444CUZ-T13
(See Note)
16-Pin QSOP
(Pb-free)
13”
MDP0040
*EL5144CW symbol is .Jxxx where xxx represents date
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com