Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2040CT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBRB2040CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRB2040CT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBRB2040CT Datasheet HTML 1Page - Diode Semiconductor Korea MBRB2040CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
10.2± 0.2
0.8± 0.1
5.0± 0.5
1.4± 0.2
4.5± 0.2
0.4± 0.1
PIN
1.3± 0.1
1
3
2
3
4
0.1± 0.1
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 135°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(IF=10A,TC=25
)
voltage
(IF=10A,TC=125
)
(Note 1)
(IF=20A,TC=25
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
m A
30
35
40
45
50
60
20
150
21
25
28
32
35
42
30
35
40
45
50
60
VOLTAGE RANGE: 30 - 60 V
CURRENT: 20 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC D2PAK,m olded plastic body
SCHOTTKY BARRIER RECTIFIERS
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.1
0.15
2.0
D2PAK
MBRB2030CT---MBRB2060CT
MBRB
MBRB
MBRB
MBRB
MBRB
MBRB
2030CT
2035CT
2040CT
2045CT
2050CT
2060CT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.087 ounces,2.2 grams
15
150
V
-
0.57
0.80
0.70
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
Dimensions in millimeters
(IF=20A,TC=125
)
0.84
0.95
0.72
0.85
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2040CT MCC-MBRB2040CT Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
259Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SUNMATE electronic Co.,...
MBRB2040CT SUNMATE-MBRB2040CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com