Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS521 Datasheet(PDF) 1 Page - International Rectifier

Part # IPS521
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS521 Datasheet(HTML) 1 Page - International Rectifier

  IPS521 Datasheet HTML 1Page - International Rectifier IPS521 Datasheet HTML 2Page - International Rectifier IPS521 Datasheet HTML 3Page - International Rectifier IPS521 Datasheet HTML 4Page - International Rectifier IPS521 Datasheet HTML 5Page - International Rectifier IPS521 Datasheet HTML 6Page - International Rectifier IPS521 Datasheet HTML 7Page - International Rectifier IPS521 Datasheet HTML 8Page - International Rectifier IPS521 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Over temperature protection (with auto-restart)
Short-circuit protection (current limit)
Active clamp
E.S.D protection
Status feedback
Open load detection
Logic ground isolated from power ground
IPS521/IPS521S
Data Sheet No.PD 60158-H
Description
The IPS521/IPS521S are fully protected five terminal
high side switches with built in short-circuit , over-
temperature, ESD protection, inductive load capability
and diagnostic feedback. The output current is con-
trolled when it reaches Ilim value.
The current
limitation is activated until the thermal protection
acts. The over-temperature protection turns off the
high side switch if the junction temperature exceeds
Tshutdown. It will automatically restart after the junc-
tion has cooled 7
oC below Tshutdown. A diagnostic
pin is provided for status feedback of short-circuit,
over-temperature and open load detection. The double
level shifter circuitry allows large offsets between the
logic ground and the load ground.
Packages
Product Summary
Rds(on)
80m
(max)
V clamp
50V
I Limit
10A
V open load
3V
Typical Connection
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
5 Lead
TO220 - IPS521
5 Lead
D2Pak (SMD220)
IPS521S
Load
Logic
signal
control
Logic
Logic Gnd
Load Gnd
Vcc
Out
Gnd
In
Dg
+ 5v
Status
feedback
+ VCC
Output pull-up resistor
Rdg
Rin
15K
Truth Table
Op. Conditions
Normal
Normal
Open load
Open load
Over current
Over current
Over-temperature
Over-temperature
In
H
L
H
L
H
L
H
L
Out
H
L
H
H
L
L (cycling)
L
L (limiting)
Dg
H
L
H
H
L
L
L
L
www.irf.com
1


Similar Part No. - IPS521

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS521 IRF-IPS521 Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521G IRF-IPS521G Datasheet
137Kb / 9P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521S IRF-IPS521S Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results

Similar Description - IPS521

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521G IRF-IPS521G Datasheet
137Kb / 9P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5451 IRF-IPS5451 Datasheet
196Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5551T IRF-IPS5551T Datasheet
119Kb / 10P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com