Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBLF1630 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SBLF1630
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SBLF1630 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SBLF1630 Datasheet HTML 1Page - Diode Semiconductor Korea SBLF1630 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T J =2 5
P uls e w idt h = 3 00
s
1 % D u ty C y c le
. 1
. 3
. 5
. 7
.9
1 . 1
1 . 3
1 . 5
1 . 7
1.9
2.1
1
10
1 0 0
2 0 0
SBLF1630-SBLF1645
SBLF1650-SBLF1660
SBLF1680-SBLF16100
10
040
60
20
100
120
140
80
TC=25
.
1
1
.01
Tc=100
0
4
8
25
50
75
100
125
150
12
16
20
0
60
1
100
300
120
18
0
240
10
8.3ms Single Half Sine Wave
TJ=125
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.1 -- PEAK FORWARD SURGE CURRENT
SBLF1630 - - - SBLF16100
275
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com