Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3048CS Datasheet(PDF) 6 Page - International Rectifier

Part # IRU3048CS
Description  DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3048CS Datasheet(HTML) 6 Page - International Rectifier

Back Button IRU3048CS Datasheet HTML 2Page - International Rectifier IRU3048CS Datasheet HTML 3Page - International Rectifier IRU3048CS Datasheet HTML 4Page - International Rectifier IRU3048CS Datasheet HTML 5Page - International Rectifier IRU3048CS Datasheet HTML 6Page - International Rectifier IRU3048CS Datasheet HTML 7Page - International Rectifier IRU3048CS Datasheet HTML 8Page - International Rectifier IRU3048CS Datasheet HTML 9Page - International Rectifier IRU3048CS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Rev. 1.7
09/12/02
IRU3048
www.irf.com
Output Capacitor Selection
The criteria to select the output capacitor is normally
based on the value of the Effective Series Resistance
(ESR). In general, the output capacitor must have low
enough ESR to meet output ripple and load transient
requirements, yet have high enough ESR to satisfy sta-
bility requirements. The ESR of the output capacitor is
calculated by the following relationship:
The Sanyo TPC series, PosCap capacitor is a good
choice. The 6TPC150M 150
mF, 6.3V has an ESR 40mV.
Selecting two of these capacitors in parallel for each
output, results to an ESR of
≅ 20mV which achieves our
low ESR goal.
The capacitor value must be high enough to absorb the
inductor's ripple current. The larger the value of capaci-
tor, the lower will be the output ripple voltage.
The resulting output ripple current is smaller then each
channel ripple current due to the 180
8 phase shift. These
currents cancel each other. The cancellation is not the
maximum because of the different duty cycle for each
channel.
Inductor Selection
The inductor is selected based on output power, operat-
ing frequency and efficiency requirements. Low induc-
tor value causes large ripple current, resulting in the
smaller size, but poor efficiency and high output noise.
Generally, the selection of inductor value can be reduced
to desired maximum ripple current in the inductor (
∆i);
the optimum point is usually found between 20% and
50% ripple of the output current.
For the buck converter, the inductor value for desired
operating ripple current can be determined using the fol-
lowing relation:
If the high value feedback resistors are used, the input
bias current of the Fb pin could cause a slight increase
in output voltage. The output voltage set point can be
more accurate by using precision resistor.
Soft-Start Programming
The soft-start timing can be programmed by selecting
the soft start capacitance value. The start up time of the
converter can be calculated by using:
Where:
CSS is the soft-start capacitor (
mF)
For a start-up time of 7.5ms, the soft-start capacitor will
be 0.1
mF. Choose a ceramic capacitor at 0.1mF.
Boost Supply Vc
To drive the high-side switch it is necessary to supply a
gate voltage at least 4V greater than the bus voltage.
This is achieved by using a charge pump configuration
as shown in Figure 9. The capacitor is charged up to
approximately twice the bus voltage. A capacitor in the
range of 0.1
mF to 1mF is generally adequate for most
applications.
Input Capacitor selection
The input filter capacitor should be based on how much
ripple the supply can tolerate on the DC input line. The
ripple current generated during the on time of control
MOSFET should be provided by input capacitor. The RMS
value of this ripple is expressed by:
Where:
D is the Duty Cycle, simply D=VOUT/VIN.
IRMS is the RMS value of the input capacitor current.
IOUT is the output current for each channel.
For VIN1=12V, IOUT1=4A and D1=0.275
Results to: IRMS1=1.78A
And for VIN2=5V, IOUT2=4A and D2=0.36
Results to: IRMS2 =1.92A
For higher efficiency, a low ESR capacitor is recom-
mended.
For VIN1=12V, choose one Poscap from Sanyo
16TPB47M (16V, 47
mF, 70mV, 1.4A)
For VIN2=5V, choose one 6TPC150M (6.3V, 150
mF,
40m
V, 1.9A).
tSTART = 75 3 Css (ms)
---(2)
IRMS = IOUT
D
3(1-D)
---(3)
ESR
[
---(4)
DVO
DIO
Where:
DVO = Output Voltage Ripple
DIO = Output Current
DVO=75mV and DIO=3A, results to: ESR=25mV
VIN - VOUT = L
3
;
Dt = D3
; D =
1
fS
VOUT
VIN
Di
Dt
L = (VIN - VOUT)
3
---(5)
VOUT
VIN
3Di3fS
Where:
VIN = Max Input Voltage
VOUT = Output Voltage
∆i = Inductor Ripple Current
fS = Switching Frequency
∆t = Turn On Time
D = Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com