Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2962 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2962 Datasheet HTML 1Page - Semtech Corporation GS2962 Datasheet HTML 2Page - Semtech Corporation GS2962 Datasheet HTML 3Page - Semtech Corporation GS2962 Datasheet HTML 4Page - Semtech Corporation GS2962 Datasheet HTML 5Page - Semtech Corporation GS2962 Datasheet HTML 6Page - Semtech Corporation GS2962 Datasheet HTML 7Page - Semtech Corporation GS2962 Datasheet HTML 8Page - Semtech Corporation GS2962 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
2 of 82
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
Functional Block Diagram
Figure A: GS2962 Functional Block Diagram
Revision History
Input
Mux/
Demux
DIN[19:0]
SMPTE 352M
Generation
and Insertion
ANC Data
Insertion
TRS , Line
Number
and CRC
Insertion
EDH
Packet
Insertion
DVB-ASI
8b/10b
Encoder
F/DE
V/VSYNC
H/HSYNC
TIM_861
Parallel to Serial
Converter
Mux
SMPTE
Cable
Driver
SDO
SDO
RSET
SDO_EN/DIS
PCLK
GSPI
Host
Interface
HANC/
VANC
Blanking
PLL with Low Noise
VCO
ClockCleaner™
LOCKED
NRZ/NRZI
SMPTE
Scrambler
CD_VDD
CD_GND
JTAG
CONTROLLER
20BIT/10BIT
ANC_BLANK
PLL_VDD
PLL_VDD
AVDD
AGND
VCO_GND
VCO_GND
SMPTE 425M
1080p 50/60 4:2:2 10-bit
Level A
Level B
Version
ECR
PCN
Date
Changes and/or Modifications
7
155080
56059
October 2010
Revised power rating in standby mode. Documented
CSUM behaviour in Section 4.7, Section 4.8.4 and
Configuration and Status Registers.
6
153717
−
March 2010
Updates throughout entire document. Added
Figure 4-2, Figure 4-3 and Figure 4-4. Correction to
registers 040h to 13Fh in Table 4-16: Configuration and
Status Registers.
5
152224
−
July 2009
Updated Device Latency numbers in 2.4 AC Electrical
Characteristics. Updates to 4.7 ANC Data Insertion.
Replaced 7.3 Marking Diagram.
4
151319
−
January 2009
Correction to timing values in Table 4-1: GS2962 Digital
Input AC Electrical Characteristics.
3
150802
−
December 2008
Conversion to Data Sheet.
2
150720
−
October 2008
Conversion to Preliminary Data Sheet.
1
148587
−
September 2008
New Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com