Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9076 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS9076
Description  SD-SDI Automatic Reclocker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9076 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS9076 Datasheet HTML 17Page - Semtech Corporation GS9076 Datasheet HTML 18Page - Semtech Corporation GS9076 Datasheet HTML 19Page - Semtech Corporation GS9076 Datasheet HTML 20Page - Semtech Corporation GS9076 Datasheet HTML 21Page - Semtech Corporation GS9076 Datasheet HTML 22Page - Semtech Corporation GS9076 Datasheet HTML 23Page - Semtech Corporation GS9076 Datasheet HTML 24Page - Semtech Corporation GS9076 Datasheet HTML 25Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GS9076 Data Sheet
44617 - 1
January 2008
21 of 25
5. Typical Application Circuit
Figure 5-1: GS9076 Typical Application Circuit
DDI_SEL1
DDO_MUTE
DDI_SEL0
LOCKED
SD
3.3V
3.3V
3.3V
3.3V
10n
10n
10n
10n
47n
GS9076
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
DDI0
DDI0_VT
DDI0
GND
DDI1
DDI1_VT
DDI1
GND
DDI2
DDI2_VT
DDI2
GND
DDI3
DDI3_VT
DDI3
GND
SD
KBB
DDO_MUTE
RCO_MUTE
RSV
RCO/DDO1
VCC_RCO
VEE_RCO
GND_DRV
DDO0
RSV
DDO0
VCC_DDO
VEE_DDO
10n
(14.140MHz)
10n
10n
10n
DATA INPUT 1
DATA INPUT 0
DATA INPUT 3
DATA INPUT 2
DATA OUTPUT
Zo = 50
Zo = 50
Zo = 50
Zo = 50
Zo = 50
3.3V
10n
100
GO1535
Note: All resistors in ohms and all capacitors in Farads.
RCO/DDO1
CLOCK OUTPUT
Zo = 50
LOS
RCO_MUTE
DATA/CLOCK
DATA/CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com