Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B520C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B520C
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B520C Datasheet(HTML) 2 Page - Diodes Incorporated

  B520C Datasheet HTML 1Page - Diodes Incorporated B520C Datasheet HTML 2Page - Diodes Incorporated B520C Datasheet HTML 3Page - Diodes Incorporated B520C Datasheet HTML 4Page - Diodes Incorporated B520C Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B520CQ - B560CQ
Document number: DS38595 Rev. 1 - 2
2 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B520CQ - B560CQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
B520C
B530C
B540C
B550C
B560C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
IO
5.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half-Sine-Wave Superimposed on Rated Load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Terminal
RθJT
10
°C/W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
50
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
B520C, B530C, B540C
B550C, B560C
VF
—
—
0.475
0.575
0.55
0.70
V
IF = 5.0A, TA = +25°C
Leakage Current (Note 7)
IR
—
—
—
—
0.5
20
mA
@ Rated VR, TA = +25°C
@ Rated VR, TA = +100°C
Total Capacitance
CT
—
—
300
pF
VR = 4V, f = 1MHz
Notes:
6. Thermal Resistance: Junction to ambient, unit mounted on PC board with 8.0 mm
2 (0.033 mm thick) copper pads as heat sink.
7. Short duration pulse test used to minimize self-heating effect.
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
Figure 1 Typical Forward Characteristics (B520C - B540C)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Figure 2 Typical Reverse Characteristics (B520C - B540C)
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 100°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com