Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF563 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF563
Description  LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF563 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CF563 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (
Figure 4)
2.5
4.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time (
Figure 4)
2.0
3.5
ns
RCOP
RxCLK OUT Period
15
T
50
ns
RCOH
RxCLK OUT High Time
f = 65 MHz
7.8
9
ns
RCOL
RxCLK OUT Low Time
f = 65 MHz
3.8
5
ns
RSRC
RxOUT Setup to RxCLK OUT
f = 65 MHz
2.5
4.2
ns
RHRC
RxOUT Hold to RxCLK OUT
f = 65 MHz
4.0
5.2
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 5.0V
6.4
10.7
ns
(
Figure 10)
RPLLS
Receiver Phase Lock Loop Set (
Figure 12)10
ms
RSKM
RxIN Skew Margin (Note 6) (
Figure 14)V
CC = 5V, TA =25˚C
600
ps
RPDD
Receiver Powerdown (
Figure 17)1
µs
Note 6: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter output skew (TCCS)
and the setup and hold time (internal data sampling window), allowing for LVDS cable skew dependent on type/length and source clock (TxCLK IN) jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle)
AC Timing Diagrams
DS012615-4
FIGURE 1. “Worst Case” Test Pattern
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com