Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99DWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV99DWQ
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99DWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV99DWQ Datasheet HTML 1Page - Diodes Incorporated BAV99DWQ Datasheet HTML 2Page - Diodes Incorporated BAV99DWQ Datasheet HTML 3Page - Diodes Incorporated BAV99DWQ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV99DWQ
Document number: DS38825 Rev. 1 - 2
2 of 4
www.diodes.com
April 2016
© Diodes Incorporated
BAV99DWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 6)
IFM
215
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
µs
IFSM
2.0
A
@ t = 1.0ms
1.0
@ t = 1.0s
0.5
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Power Dissipation (Note 7)
PD
300
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Thermal Resistance Junction to Ambient Air (Note 7)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
75
V
IR = 2.5µA
Forward Voltage
VF
0.715
V
IF = 1.0mA
0.855
IF = 10mA
1.0
IF = 50mA
1.25
IF = 150mA
Reverse Current (Note 8)
IR
2.5
µA
VR = 75V
50
VR = 75V, TJ = +150°C
30
VR = 25V, TJ = +150°C
25
nA
VR = 20V
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
4.0
ns
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100Ω
Notes:
6. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on our website at http://www.diodes.com/package-outlines.html.
7. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on our website at http://www.diodes.com/package-outlines.html.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com