Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX-5MS Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # SLX-5MS
Description  Managed Fast Ethernet Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-5MS Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  SLX-5MS Datasheet HTML 1Page - Red Lion Controls. Inc SLX-5MS Datasheet HTML 2Page - Red Lion Controls. Inc SLX-5MS Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SLX-5MS Industrial Ethernet Switch Specifications
ORDER GUIDE
PART NUMBER
PRODUCT LINE
SLX-5MS-1
5-Port Industrial Fast Ethernet Managed Switch (5 10/100Base-T Copper Ports)
SLX-5MS-4XX
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Multimode 2km Ports)
SLX-5MS-5XX
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Singlemode 30km Ports)
SLX-5MS-5XXL
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Singlemode 60km Ports)
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning protecton for the 10/100 ports only
RJ45-DB9F-CBL
Console port cable, DB9 to RJ45
Where XX = ST or SC connector
FIBER TRANSCEIVER CHARACTERISTICS
FIBER MODE
MM
SM
SM
Fiber Length
2 km
30 km
60 km
TX Power Min
-23.5 dBm
-15 dBm
-5 dBm
RX Sensitivity Max
-32 dBm
-34 dBm
-35 dBm
Wavelength
1310 nm
1310 nm
1310 nm
* Fiber Length distances represent typical performance. Link budgets should be evaluated based on specific application conditions.
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0210 051116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com