Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD21844 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DGD21844
Description  HALF- BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21844 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DGD21844 Datasheet HTML 4Page - Diodes Incorporated DGD21844 Datasheet HTML 5Page - Diodes Incorporated DGD21844 Datasheet HTML 6Page - Diodes Incorporated DGD21844 Datasheet HTML 7Page - Diodes Incorporated DGD21844 Datasheet HTML 8Page - Diodes Incorporated DGD21844 Datasheet HTML 9Page - Diodes Incorporated DGD21844 Datasheet HTML 10Page - Diodes Incorporated DGD21844 Datasheet HTML 11Page - Diodes Incorporated DGD21844 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DGD21844
Document Number DS38337 Rev. 1 - 2
11 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DGD21844
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-14 (Type TH)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-14 (Type TH)
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
SO-14 (Type TH)
Dim
Min
Max
Typ
A
1.55
1.73
--
A1
0.10
0.25
--
b
0.35
0.51
--
c
0.190
0.248
--
D
8.56
8.74
8.61
E
5.84
6.20
6.00
E1
3.81
3.99
3.94
e
--
--
1.27
h
--
--
0.33
L
0.41
0.89
--
Ø
0
8
--
All Dimensions in mm
Dimensions Value (in mm)
C
1.27
C1
5.20
X
0.60
Y
2.20
b
e
E1
A1
Ø
h
L
Seating Plane
Gauge Plane
D
E
A
0.25
c
X
Y
C
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com