Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAX2D Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # PAX2D
Description  PAX2D - Dual Line Digital Input Panel MeterMeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAX2D Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  PAX2D Datasheet HTML 1Page - Red Lion Controls. Inc PAX2D Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron® and Sixnet®. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0124 093015 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
DISPLAY
Negative image LCD
Top Line: 6-digit, 0.71" (18 mm) tri-color backlight
(red, green or orange)
Display range: -199,999 to 999,999
Bottom Line: 9 digit, 0.35" (8.9 mm) green backlight
Display range: -199,999,999 to 999,999,999
POWER CONNECTION
AC Power: 40 to 250 VAC, 50/60 Hz, 20 VA
DC Power: 21.6 to 250 VDC, 8 W
SENSOR POWER
+18 VDC, ±5% @ 60 mA max., short circuit protected
ANNUNCIATORS
Backlight color: Red
1 - setpoint alarm 1
2 - setpoint alarm 2
3 - setpoint alarm 3
4 - setpoint alarm 4
Units Label: programmable units annunciators
KEYPAD
2 programmable function keys, 4 keys total
COUNTER DISPLAYS
6-digit (top line) or 9-digit (bottom line)
Top Line Display Range: -199,999 to 999,999
Bottom Line Display Range: -199,999,999 to 999,999,999
Over Range Display: OUEr
Under Range Display: UndEr
Display Designators: CtA, Ctb, CtC (top line), A, b, C (bottom line)
Maximum Count Rates: 50% duty cycle, count mode dependent
If setpoints disabled: 35 KHz for all modes except Quadrature
x4 (32 KHz)
If setpoint(s) enabled: 20 KHz for any mode except Quadrature
x1 (19 KHz), Quadrature x2 (17 KHz) and Quadrature x4 (10 KHz)
RATE DISPLAYS
6-digit (top or bottom line)
Rate A or Rate B Display Range: 0 to 999,999
Rate C, Rate Max (High) or Min (Low) Display Range:
-199,999 to 999,999
Over Range Display: OUEr
Under Range Display: UndEr
Display Designators: RtA, Rtb, RtC, Hi, Lo (top or bottom line)
Maximum Frequency: 50 KHz
Minimum Frequency: 0.001 Hz
Display Update Time: 0.1 to 999.9 seconds
Accuracy: ±0.01%
INPUT CAPABILITIES
The inputs accept pulses from a variety of sources including switch
contacts, TTL outputs, magnetic pickups and all standard RLC
sensors. Inputs accept current sinking or current sourcing outputs
and provide selectable input filtering for low frequency signals or
switch contact debounce.
MEMORY
Nonvolatile memory retains all programmable
parameters and display values
INPUTS
Three programmable user inputs
ENVIRONMENTAL
Operating Temperature Range: 0 to 50 °C
Storage Temperature Range: -40 to 60 °C
Operating and Storage Humidity: 0 to 85% max.
RH non-condensing
Altitude: Up to 2000 meters
CERTIFICATION & COMPLIANCE
Refer to EMC Installation Guidelines section of the bulletin for
additional information
CONNECTIONS
High compression cage-clamp terminal block
MECHANICAL
Construction: This unit is rated for NEMA 4X/IP65 indoor use; IP20 Touch
safe; Installation Category II, Pollution Degree 2; One piece bezel/case;
Flame resistant; Synthetic rubber keypad; Panel gasket and mounting
clip included
Weight: 8 oz. (226.8 g)
DIMENSIONS In inches (mm)
PAX2D - Dual Line Digital Input Panel Meter Specifications
3.80 (96.52)
(49.53)
(2.54)
(44.45)
3.60 (91.44)
4.14 (105)
1.95
0.10
1.75
3.80 (96.52)
(49.53)
(2.54)
(44.45)
3.60 (91.44)
4.14 (105)
1.95
0.10
1.75
ORDERING INFORMATION
PART NUMBER
MODEL
DESCRIPTION
PAX2D000
PAX2D
Dual Line Digital Input Panel Meter
PAXCDS10
PAXCDS
Dual Setpoint Relay Output Card
PAXCDS20
Quad Setpoint Relay Output Card
PAXCDS30
Quad Setpoint Sinking Open Collector Output Card
PAXCDS40
Quad Setpoint Sourcing Open Collector Output Card
PAXCDS50
Dual Triac/Dual SSR Drive Digital Output Card
PAXCDS60
Quad Form C Relay Digital Output Card
PAXCDC10
PAXCDC
RS485 Serial Communications Card with Terminal Block
PAXCDC1C
Extended RS485 Serial Communications Card with Dual RJ11
Connector
PAXCDC20
RS232 Serial Communications Card with Terminal Block
PAXCDC2C
Extended RS232 Serial Communications Card with
9 Pin D Connector
PAXCDC30
DeviceNet Communications Card
PAXCDC50
Profibus-DP Communications Card
PAXCDL10
PAXCDL
Analog Output Card
All specifications are subject to change. Consult the company website for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com