Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMSG Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # GMSG
Description  Strain Gage Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMSG Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  GMSG Datasheet HTML 1Page - Red Lion Controls. Inc GMSG Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER
GMSG1 Max Power: 5.6 W (supplied by Graphite host device)
COMMUNICATION PROPERTIES
SELECTABLE
INPUT RANGE
ACCURACY *18 TO
28°C 10 TO 75% RH
ACCURACY *0 TO
50°C 0 TO 85% RH
ACCURACY *-40 TO
70°C 0 TO 85% RH
±20.000 mVDC
0.02% of reading +3 μV
0.07% of reading +4 μV
0.09% of reading +5 μV
±33.000 mVDC
0.02% of reading +5 μV
0.07% of reading +7 μV
0.09% of reading +9 μV
±200.00 mVDC
0.02% of reading +30 μV
0.07% of reading +40 μV
0.09% of reading +50 μV
* After 20 minute warm-up. Accuracy includes the temperature coefficient.
Connection Type:
4-wire bridge (differential)
2-wire (single-ended)
Sample Time: 50 msec (20 readings per second)
Common Mode Range (with respect to input common): 0 to +5 VDC
Common Mode Rejection: > 100 dB, DC to 120 Hz
Temperature Coefficient (ratio metric): 20 ppm/°C max.
Step Response Time: 200 msec max. to within 99% of final process value
Input Impedance: 100 MΩ
Max Continuous Overload: 30 V
PV Range: -30,000 to 30,000
Effective Resolution: 16-bit
BRIDGE EXCITATIONS
Software selectable:
5 VDC, ±2%, 65 mA max.
10 VDC, ±2%, 125 mA max. combined (excitation 1 plus excitation 2).
Temperature coefficient (ratio metric): 20 ppm/°C max.
Max. four 350Ω bridges per module.
DISCRETE OUTPUTS
Available as (3) Solid State NFET, or (3) Form A relay.
Solid State Output:
Type: Switched DC, N Channel open drain MOSFET
Current Rating: 1 A max
VDS ON: 0.3 V @ 1 A
VDS MAX: 30 VDC
Offstate Leakage Current: 0.5 mA max
Form A Relay Output:
Type: N.O.
Current Rating: 3 Amps @ 125 VAC
1/10 HP @ 125 VAC
Life Expectancy: 200,000 cycles at maximum load rating. (Decreasing
load, increasing cycle time, and use of surge suppression such as RC
snubbers increases life expectancy.)
CONTROL MODES
Control: On/Off, P, PI, or PID
Output: Time proportioning or linear
Cycle Time: Programmable from 0.0 to 60.0 sec
Auto-Tune: When selected, sets proportional band, integral time,
derivative time values, and output dampening time
Input Fault Response: Upscale
ALARMS
Modes: Manual
Absolute High Acting Absolute Low Acting
Deviation High Acting Deviation Low Acting
Inside Band Acting Outside Band Acting
Reset Action: Programmable; automatic or latched
Standby Mode: Programmable; enable or disable
Hysteresis: Programmable
Input Fault Response: Upscale
ANALOG DC OUTPUT
Software programmable for 0-10 VDC, 0-20 mA, or 4-20 mA
Resolution:
Voltage: 500 μV
Current: 1 μA
Accuracy:
0.1% of full scale (18° to 28°C)
0.2% of full scale (-40° to 70°C)
Update Time: 0.0 to 60.0 sec
Compliance (for current output only): 500 Ω max.
Minimum load (voltage output only): 10 KΩ min.
Output is software selectable for either 10 V or 20 mA. The output range
may be field calibrated to yield approximate 10% overrange and a small
underrange (negative) signal.
CERTIFICATIONS AND COMPLIANCES
CE Approved
EN 61326-1 to Industrial Locations
IEC/EN 61010-1
RoHS Compliant
ENVIRONMENTAL
Operating Temperature Range: -40° to +70°C
Storage Temperature Range: -40° to +85°C
Operating and Storage Humidity: 85% max relative humidity,
non-condensing, from 0° to +50°C
Altitude: Up to 2000 meters
ORDERING GUIDE
PART NUMBER
DESCRIPTION
GMSG10R0
Graphite Module, Single Loop, One Strain Gage Input, Relay Outputs,
and Analog Output
GMSG10S0
Graphite Module, Single Loop, One Strain Gage Input, Solid State Outputs,
and Analog Output
GMSG11R0
Graphite Module, Single Loop, Two Strain Gage Inputs, Relay Outputs,
and Analog Output
GMSG11S0
Graphite Module, Single Loop, Two Strain Gage Inputs, Solid State Outputs,
and Analog Output
Strain Gage Module Specifications
4.65
(118)
1.25 (32)
2.97 (76)
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control
for industrial automation and networking, Red Lion has been
delivering innovative solutions for over forty years. Our award-
winning technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red
Lion, N-Tron and Sixnet. With headquarters in York, Pennsylvania,
the company has offices across the Americas, Asia-Pacific and
Europe. For more information, please visit www.redlion.net. Red
Lion is a Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0383 032614 © 2014 Red Lion Controls
DIMENSIONS In inches (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com