Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4852ITL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4852ITL
Description  Integrated Audio Amplifier System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4852ITL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4852ITL Datasheet HTML 1Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
2.0kV
ESD Machine model (Note 7)
200V
Junction Temperature (T
J)
150˚C
Solder Information (Note 1)
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (typ) - LQA24A
42˚C/W
θ
JC (typ) - LQA24A
3.0˚C/W
θ
JA (typ) - TLA18AAA
48˚C/W (Note 9)
θ
JC (typ) - TLA18AAA
23˚C/W (Note 9)
Operating Ratings (Note 3)
Temperature Range
−40˚C to 85˚C
Supply Voltage V
DD
2.6V
≤ V
DD
≤ 5.5V
Note 1: See AN-450 "Surface Mounting and their effects on Product Reli-
ability" for other methods of soldering surface mount devices.
Electrical Characteristics 5.0 V (Notes 3, 8)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4852
Units
(Limits)
Typical
(Note 5)
Limits
(Notes 6,
11)
I
DD
Supply Current
Output modes 2, 4, 6
V
IN = 0V; No loads
5
9
mA (max)
Output modes 2, 4, 6
V
IN = 0V; Loaded (Figure 1)
6
10
mA (max)
Output modes 1, 3, 5, 7
V
IN = 0V; No loads
7.5
11
mA (max)
Output modes 1, 3, 5, 7
V
IN = 0V; Loaded (Figure 1)
8.5
12
mA (max)
I
SD
Shutdown Current
Output mode 0
0.1
2.0
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5.0
40
mV (max)
P
O
Output Power
SPKR
OUT;RL =4
Ω
THD+N = 1%; f = 1kHz, LM4852LQ
1.5
W
SPKR
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz
1.1
0.8
W (min)
R
OUT and LOUT;RL =32
Ω
THD+N = 0.5%; f = 1kHz
60
45
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
SPKR
OUT
f = 20Hz to 20kHz
P
OUT = 400mW; RL =8
Ω
0.5
%
R
OUT and LOUT
f = 20Hz to 20kHz
P
OUT = 15mW; RL =32
Ω
0.5
%
N
OUT
Output Noise
A-weighted (Note 10)
26
µV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com