Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS485IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS485IM
Description  5V Low Power RS-485 / RS-422 Differential Bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS485IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMS485IM Datasheet HTML 5Page - National Semiconductor (TI) LMS485IM Datasheet HTML 6Page - National Semiconductor (TI) LMS485IM Datasheet HTML 7Page - National Semiconductor (TI) LMS485IM Datasheet HTML 8Page - National Semiconductor (TI) LMS485IM Datasheet HTML 9Page - National Semiconductor (TI) LMS485IM Datasheet HTML 10Page - National Semiconductor (TI) LMS485IM Datasheet HTML 11Page - National Semiconductor (TI) LMS485IM Datasheet HTML 12Page - National Semiconductor (TI) LMS485IM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information
POWER LINE NOISE FILTERING
A factor to consider in designing power and ground is noise
filtering. A noise filtering circuit is designed to prevent noise
generated by the integrated circuit (IC) as well as noise
entering the IC from other devices. A common filtering
method is to place by-pass capacitors (C
bp) between the
power and ground lines.
Placing a by-pass capacitor (C
bp) with the correct value at
the proper location solves many power supply noise prob-
lems. Choosing the correct capacitor value is based upon
the desired noise filtering range. Since capacitors are not
ideal, they may act more like inductors or resistors over a
specific frequency range. Thus, many times two by-pass
capacitors may be used to filter a wider bandwidth of noise.
It is highly recommended to place a larger capacitor, such as
10µF, between the power supply pin and ground to filter out
low frequencies and a 0.1µF to filter out high frequencies.
By-pass capacitors must be mounted as close as possible to
the IC to be effective. Long leads produce higher impedance
at higher frequencies due to stray inductance. Thus, this will
reduce the by-pass capacitor’s effectiveness. Surface
mounted chip capacitors are the best solution because they
have lower inductance.
20062622
FIGURE 11. Placement of by-pass Capacitors, C
bp
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com