Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH221
Description  DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH221 Datasheet HTML 1Page - STMicroelectronics LNBH221 Datasheet HTML 2Page - STMicroelectronics LNBH221 Datasheet HTML 3Page - STMicroelectronics LNBH221 Datasheet HTML 4Page - STMicroelectronics LNBH221 Datasheet HTML 5Page - STMicroelectronics LNBH221 Datasheet HTML 6Page - STMicroelectronics LNBH221 Datasheet HTML 7Page - STMicroelectronics LNBH221 Datasheet HTML 8Page - STMicroelectronics LNBH221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
April 2004
s
ALL THE FEATURES ARE THE SAME FOR
BOTH SECTION
s
COMPLETE AND INDEPENDENT
INTERFACE BETWEEN LNBs AND
RELEVANT I2CTM BUS
s
BUILT-IN DC/DC CONTROLLER FOR
SINGLE 12V SUPPLY OPERATION AND
HIGH EFFICIENCY (Typ. 93% @ 500mA)
s
LNB OUTPUT CURRENT GUARANTEED UP
TO 500mA
s
BOTH COMPLIANT WITH EUTELSAT AND
DIRECTV OUTPUT VOLTAGE
SPECIFICATION
s
ACCURATE BUILT-IN 22KHz TONE
OSCILLATOR SUITS WIDELY ACCEPTED
STANDARDS
s
FAST OSCILLATOR START-UP FACILITATES
DiSEqCTM ENCODING
s
BUILT-IN 22KHz TONE DETECTOR
SUPPORTS BI-DIRECTIONAL DiSEqCTM 2.0
s
SEMI-LOWDROP POST REGULATOR AND
HIGH EFFICIENCY STEP-UP PWM FOR
LOW POWER LOSS: Typ. 0.56W @ 125mA
s
TWO OUTPUT PINS SUITABLE TO BYPASS
THE OUTPUT R-L FILTER AND AVOID ANY
TONE DISTORSION (R-L FILTER AS PER
DiSEqC 2.0 SPECs, see application circuit on
pag. 4)
s
OVERLOAD AND OVER-TEMPERATURE
INTERNAL PROTECTIONS
s
OVERLOAD AND OVER-TEMPERATURE I2C
DIAGNOSTIC BITs
s
LNB SHORT CIRCUIT SOA PROTECTION
WITH I2C DIAGNOSTIC BIT
s
+/- 4KV ESD TOLERANT ON INPUT/
OUTPUT POWER PINS
DESCRIPTION
Intended for analog and digital DUAL Satellite
STB
receivers/SatTV,
sets/PC
cards,
the
LNBH221 is a voltage regulator and interface IC,
assembled
in
POWER
SO-36,
specifically
designed to provide the power 13/18V, and the
22KHz tone signalling for two independent LNB
down converters or to a multiswitch box that could
be independently powered and set. In this applica-
tion field, it offers a complete solution with ex-
tremely low component count, low power dissipa-
tion together with simple design and I2CTM stan-
dard interfacing.
LNBH221
DUAL LNB SUPPLY AND CONTROL IC
WITH STEP-UP CONVERTER AND I2C INTERFACE
This is preliminary information on a new product now in development are or undergoing evaluation. Details subject to change without notice.
PowerSO-36
PRELIMINARY DATA
BLOCK DIAGRAM
LNBH221- section A
LNBH221- section B
DSQIN
Vup
VoRX
SDA
SCL
Vcc
DSQOUT
VoTX
DETIN
Byp
Gate
Sense
EXTM
ADDR
Enable
Preregul.+
U.V.lockout
+P.ON res.
V Select
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller
DSQIN
Vup
VoRX
SDA
SCL
Vcc
DSQOUT
VoTX
DETIN
Byp
Gate
Sense
EXTM
ADDR
Enable
Preregul.+
U.V.lockout
+P.ON res.
VSelect
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller
LNBH221- section A
LNBH221- section B
DSQIN
Vup
VoRX
SDA
SCL
Vcc
DSQOUT
VoTX
DETIN
Byp
Gate
Sense
EXTM
ADDR
Enable
Preregul.+
U.V.lockout
+P.ON res.
V Select
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller
Enable
Preregul.+
U.V.lockout
+P.ON res.
V Select
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller
DSQIN
Vup
VoRX
SDA
SCL
Vcc
DSQOUT
VoTX
DETIN
Byp
Gate
Sense
EXTM
ADDR
Enable
Preregul.+
U.V.lockout
+P.ON res.
VSelect
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller
Enable
Preregul.+
U.V.lockout
+P.ON res.
VSelect
Linear Post-reg
+Modulator
+Protections
Diagn.
I²C
Tone
Detector
22KHz
Oscill.
TEN
Step-up
Controller


Similar Part No. - LNBH221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
More results

Similar Description - LNBH221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Nov-2002
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
05-Oct-2004
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH24_0808 STMICROELECTRONICS-LNBH24_0808 Datasheet
438Kb / 30P
Dual LNB supply and control IC with step-up and I²C interface
27-Aug-2008
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com