Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8358 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8358
Description  150mA, UCap, Low Dropout Voltage Regulator with Power Good
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8358 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP8358 Datasheet HTML 1Page - National Semiconductor (TI) LP8358 Datasheet HTML 2Page - National Semiconductor (TI) LP8358 Datasheet HTML 3Page - National Semiconductor (TI) LP8358 Datasheet HTML 4Page - National Semiconductor (TI) LP8358 Datasheet HTML 5Page - National Semiconductor (TI) LP8358 Datasheet HTML 6Page - National Semiconductor (TI) LP8358 Datasheet HTML 7Page - National Semiconductor (TI) LP8358 Datasheet HTML 8Page - National Semiconductor (TI) LP8358 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP8358
150mA, µCap, Low Dropout Voltage Regulator with
Power Good
General Description
The LP8358 is a µCap, precise CMOS voltage regulator with
low Power good output R
DSON.
It provides up to 150mA and consumes a typical of 10nA in
shutdown mode. The LP8358 output stage is designed with
a push pull output for faster transient recovery response.
The LP8358 is optimized to work with low value, low cost
ceramic capacitors. The output typically require only 1µF of
output capacitance for stability. The enable pin can be tied to
V
IN for easy board layout.
The LP8358 is designed for portable, battery powered equip-
ment applications with small space requirements.
The LP8358 is available in a 5-pin SOT-23 package. Perfor-
mance is specified for the −40˚C to +125˚C temperature
range and is available in a fixed 1.2V. For other output
voltage options, please contact National Semiconductor.
Features
n
Low power good R
DSON:20
Ω
n
Power good indicator
n
Stability with low ESR capacitors
n
Low ground current: 120µA
n
150mA output current
n
"Zero" shutdown current mode
n
Fast transient recovery response
n
Auto discharge
n
Thermal shutdown
n
Current limiting
Applications
n
Processor power-up sequencing
n
Laptop, notebook and palm top computer
n
PCMCIA V
CC and VPP regulation switching
Typical Application
20057919
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LP8358MF-1.2
LH2B
1k Units Tape and Reel
MF05A
LP8358MFX-1.2
3k Units Tape and Reel
February 2003
© 2003 National Semiconductor Corporation
DS200579
www.national.com


Similar Part No. - LP8358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340 TI2-LP8340 Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LP8340C NSC-LP8340C Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-1.8 NSC-LP8340CDT-1.8 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
More results

Similar Description - LP8358

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LMS5258 NSC-LMS5258 Datasheet
515Kb / 9P
150mA, Cap, Low Dropout Voltage Regulator with Power Good
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Micrel Semiconductor
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com