Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62060 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 9Page - Texas Instruments TPS62060 Datasheet HTML 10Page - Texas Instruments TPS62060 Datasheet HTML 11Page - Texas Instruments TPS62060 Datasheet HTML 12Page - Texas Instruments TPS62060 Datasheet HTML 13Page - Texas Instruments TPS62060 Datasheet HTML 14Page - Texas Instruments TPS62060 Datasheet HTML 15Page - Texas Instruments TPS62060 Datasheet HTML 16Page - Texas Instruments TPS62060 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
1
1
2
3
out
in
RMSCout
out
V
V
I
V
L
ƒ
-
=
´
´
´
´
TPS62060, TPS62061, TPS62063
www.ti.com
SLVSA95B – MARCH 2010 – REVISED JULY 2015
9.2.2.2.2
Output Capacitor Selection
The advanced fast-response voltage mode control scheme of the TPS6206x allows the use of tiny ceramic
capacitors. Ceramic capacitors with low ESR values have the lowest output voltage ripple and are
recommended. The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric capacitors,
aside from their wide variation in capacitance over temperature, become resistive at high frequencies and may
not be used. For most applications a nominal 10 µF or 22 µF capacitor is suitable. At small ceramic capacitors,
the DC-bias effect decreases the effective capacitance. Therefore a 22 µF capacitor can be used for output
voltages higher than 2 V, see list of capacitors.
In case additional ceramic capacitors in the supplied system are connected to the output of the DC-DC converter,
the output capacitor COUT must be decreased in order not to exceed the recommended effective capacitance
range. In this case a loop stability analysis must be performed as described later.
At nominal load current, the device operates in PWM mode and the RMS ripple current is calculated as:
(8)
9.2.2.2.3
Input Capacitor Selection
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. For most applications a 10 µF ceramic capacitor is recommended. The input capacitor can be
increased without any limit for better input voltage filtering.
Take care when using only small ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output or VIN step on
the input can induce ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop
instability or could even damage the part by exceeding the maximum ratings.
Table 2. List of Capacitors
CAPACITANCE
TYPE
SIZE [mm3]
SUPPLIER
10
μF
GRM188R60J106M
0603: 1.6 x 0.8 x 0.8
Murata
22
μF
GRM188R60G226M
0603: 1.6 x 0.8 x 0.8
Murata
22 µF
CL10A226MQ8NRNC
0603: 1.6 x 0.8 x 0.8
Samsung
10 µF
CL10A106MQ8NRNC
0603: 1.6 x 0.8 x 0.8
Samsung
9.2.2.3 Checking Loop Stability
The first step of circuit and stability evaluation is to look from a steady-state perspective at the following signals
•
Switching node, SW
•
Inductor current, IL
•
Output ripple voltage, VOUT(AC)
These are the basic signals that must be measured when evaluating a switching converter. When the switching
waveform shows large duty cycle jitter or the output voltage or inductor current shows oscillations, the regulation
loop may be unstable. This is often a result of board layout and/or wrong L-C output filter combinations. As a
next step in the evaluation of the regulation loop, the load transient response is tested. The time between the
application of the load transient and the turnon of the P-channel MOSFET, the output capacitor must supply all of
the current required by the load. VOUT immediately shifts by an amount equal to ΔI(LOAD) x ESR, where ESR is the
effective series resistance of COUT. ΔI(LOAD) begins to charge or discharge COUT generating a feedback error
signal used by the regulator to return VOUT to its steady-state value. The results are most easily interpreted when
the device operates in PWM mode at medium to high load currents.
During this recovery time, VOUT can be monitored for settling time, overshoot, or ringing; that helps evaluate
stability of the converter. Without any ringing, the loop has usually more than 45° of phase margin.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62060 TPS62061 TPS62063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com