Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4416ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4416ESA
Description  Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4416ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4416ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4416ESA Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Low-Power, +3V/+5V, 400MHz Single-Supply
Op Amps with Rail-to-Rail Outputs
16
______________________________________________________________________________________
Coaxial cable and other transmission lines are easily
driven when properly terminated at both ends with their
characteristic impedance. Driving back-terminated
transmission lines essentially eliminates the line’s
capacitance.
___________Applications Information
Choosing Resistor Values
Unity-Gain Configuration
The MAX4414/MAX4416/MAX4418 are internally com-
pensated for unity gain. When configured for unity gain,
the devices require a 24
Ω feedback resistor (RF). This
resistor improves AC response by reducing the Q of the
parallel LC circuit formed by the parasitic feedback
capacitance and inductance.
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values that best fit the application. Large resis-
tor values increase voltage noise and interact with the
amplifier’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
Ω
resistors, combined with 1.8pF of amplifier input capac-
itance and 1pF of PC board capacitance, causes a
pole at 114MHz. Since this pole is within the amplifier
bandwidth, it jeopardizes stability. Reducing the 1k
Ω
resistors to 100
Ω extends the pole frequency to
1.14GHz, but could limit output swing by adding 200
Ω
in parallel with the amplifier’s load resistor.
Note: For high gain applications where output offset
voltage is a consideration, choose RS to be equal to the
parallel combination of RF and RG (Figures 3a and 3b):
R
RR
RR
S
FG
FG
=
×
+
VOUT
VOUT = [1+ (RF / RG)] VIN
IN
RF
R0
RS
RG
Figure 3a. Noninverting Gain Configuration
VOUT
IN
RS
RF
RO
RG
VOUT = (RF / RG) VIN
Figure 3b. Inverting Gain Configuration
VOUT
VIN
RBIN
RISO
RF
CL
RG
Figure 1. Driving a Capacitive Load Through an Isolation
Resistor
Figure 2. Capacitive Load vs. Isolation Resistance
10
16
14
12
18
20
22
24
26
28
30
0
400
200
600
800
1000
CLOAD (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com