Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2198 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2198
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2198 Datasheet HTML 1Page - Micrel Semiconductor MIC2198 Datasheet HTML 2Page - Micrel Semiconductor MIC2198 Datasheet HTML 3Page - Micrel Semiconductor MIC2198 Datasheet HTML 4Page - Micrel Semiconductor MIC2198 Datasheet HTML 5Page - Micrel Semiconductor MIC2198 Datasheet HTML 6Page - Micrel Semiconductor MIC2198 Datasheet HTML 7Page - Micrel Semiconductor MIC2198 Datasheet HTML 8Page - Micrel Semiconductor MIC2198 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2198
Micrel
MIC2198
2
November 2004
Pin Configuration
1
2
3
4
COMP
EN/UVLO
FB
CSH
HSD
VSW
BST
GND
VOUT
VIN
5
6
12
11
10
9
8
7
LSD
VDD
4×
×
×
×
×4 MLF-12L (ML)
Ordering Information
Part Number
Voltage
Temperature Range
Package
MIC2198BML
Adj
–40°C to +125°C
12-lead 4×4 MLF™
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Compensation (Output): Internal error amplifier output. Connect to capacitor
or series RC network to compensate the regulator control loop.
2
EN/UVLO
Enable/Undervoltage Lockout (Input): Low-level signal powers down the
controller. Input below the 2.5V threshold disables switching and functions
as an accurate undervoltage lockout (UVLO). Input below the threshold
forces complete micropower (<0.1µA) shutdown.
3
FB
Feedback (Input): Regulates FB pin to 0.8V. See
“Applications Information”
for resistor divider calculations.
4
CSH
Current-Sense High (Input): Current limit comparator non-inverting input. A
built-in offset of 75mV between CSH and V
OUT pins in conjunction with the
current-sense resistor set the current limit threshold level. This is also the
non-inverting input to the current sense amplifier.
5
VOUT
Current-Sense Low (Input): Output voltage feedback input and inverting
input for the current limit comparator and the current sense amplifier.
6
VIN
Unregulated Input (Input): +4.5V to +32V supply input.
7
VDD
5V Internal Linear-Regulator (Output): V
DD is the external MOSFET gate
drive supply voltage and internal supply bus for the IC. Bypass to GND with
4.7µF.
8
LSD
Low-Side Drive (Output): High-current driver output for low-side N-Channel
MOSFET. Voltage swing is between ground and V
DD.
9
GND
Ground (Return).
10
BST
Boost (Input): Provides drive voltage for the high-side MOSFET driver. The
drive voltage is higher than the input voltage by V
DD minus a diode drop.
11
VSW
Switch (Return): High-side MOSFET driver return.
12
HSD
High-Side Drive (Output): High-current driver output for high-side MOSFET.
This node voltage swing is between ground and V
IN +5V minus a diode drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com