Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LM2902A
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902A Datasheet(HTML) 1 Page - Diodes Incorporated

  LM2902A Datasheet HTML 1Page - Diodes Incorporated LM2902A Datasheet HTML 2Page - Diodes Incorporated LM2902A Datasheet HTML 3Page - Diodes Incorporated LM2902A Datasheet HTML 4Page - Diodes Incorporated LM2902A Datasheet HTML 5Page - Diodes Incorporated LM2902A Datasheet HTML 6Page - Diodes Incorporated LM2902A Datasheet HTML 7Page - Diodes Incorporated LM2902A Datasheet HTML 8Page - Diodes Incorporated LM2902A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
1 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Description
The LM2902/2904 series amplifiers consist of four and
two
independent high-gain operational amplifiers with very low input offset
voltage specification. They have been designed to operate from a
single power supply over a wide range of voltages; however operation
from split power supplies is also possible. They offer low power
supply current independent of the magnitude of the power supply
voltage.
The LM2902/2904 series are characterized for operation from
-40
℃ to +125℃ and the dual devices are available in SO-8, MSOP-8,
TSSOP-8 and the quad devices available in SO-14 and TSSOP-14
with industry standard pin-outs. Both use green mold compound as
standard.
Features
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
Very Low Supply Current Drain
LM2904 500µA
– Independent of Supply Voltage
LM2902 700µA
– Independent of Supply Voltage
Low Input Bias Current: 20nA
Low Input Offset Voltage:
A Versions: 1mV Typ
Non-A Version: 2mV Typ
Large DC Voltage Gain: 100dB
Wide Bandwidth (Unity Gain): 700KHz (Temperature
Compensated)
Internally Compensated with Unity Gain
Input Common-Mode Voltage Range Includes Ground
Differential Input Voltage Range Equal to the Power Supply
Voltage
Large Output Voltage Swing: 0V to VCC -1.5V
SO-8 (Duals) and SO-14/TSSOP-14 (Quads) Packages
Available
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate
Datasheet (LM2902Q_04Q)
Pin Assignments
(Top View)
1
2
3
7
6
5
4
8
SO-8/TSSOP-8/MSOP-8
1OUT
VCC
2IN-
2IN+
1IN-
1IN+
GND
2OUT
1
-
-
2
LM2904/ LM2904A
(Top View)
1
2
3
13
12
11
4
14
SO-14/TSSOP-14
1OUT
4OUT
4IN+
7
6
5
9
10
8
GND
3OUT
3IN-
3IN+
1IN-
1IN+
VCC
2IN+
2IN-
2OUT
4IN-
2
-
1
-
-
4
-
3
LM2902/ LM2902A
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - LM2902A

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 15P
36V General Purpose Op Amps
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 18P
36-V General Purpose Op Amps, Automotive Qualification
2024-12-18
LM2902A-SR 3PEAK-LM2902A-SR Datasheet
1Mb / 15P
36V General Purpose Op Amps
LM2902A-TR 3PEAK-LM2902A-TR Datasheet
1Mb / 15P
36V General Purpose Op Amps
LM2902AL1-SR 3PEAK-LM2902AL1-SR Datasheet
1Mb / 15P
36V General Purpose Op Amps
More results

Similar Description - LM2902A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
October 26, 2004
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Diodes Incorporated
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com