Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4684 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4684
Description  2A High-Efficiency SuperSwitcher Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4684 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4684 Datasheet HTML 8Page - Micrel Semiconductor MIC4684 Datasheet HTML 9Page - Micrel Semiconductor MIC4684 Datasheet HTML 10Page - Micrel Semiconductor MIC4684 Datasheet HTML 11Page - Micrel Semiconductor MIC4684 Datasheet HTML 12Page - Micrel Semiconductor MIC4684 Datasheet HTML 13Page - Micrel Semiconductor MIC4684 Datasheet HTML 14Page - Micrel Semiconductor MIC4684 Datasheet HTML 15Page - Micrel Semiconductor MIC4684 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
July 2001
13
MIC4684
MIC4684
Micrel
Abbreviated Bill of Material (Critical Components)
Reference
Part Number
Manufacturer
Description
Qty
C1
594D156X0035D2T
Vishay Sprague1
15
µF 35V
1
C2, C5
VJ0805Y104KXAAB
Vitramon
0.1
µF 50V
2
C6
GRM426X7R334K50
Murata
0.33
µF, 50V ceramic capacitor
C3
Optional
1800pF, 50V ceramic
(1)
C4
594D337X06R3D2T
Vishay Sprague2
330
µF, 6.3V, tantalum
1
D1
B340A
Diode Inc3
Schottky 3A, 40V
1
D2
MBRX120
Micro Com. Components5
Schottky 1A, 20V
1
L1
CDRH104R-470MC
Sumida4
47
µH, 2.1A I
SAT
1
U1
MIC4684BM
Micrel Semiconductor6
1A 200kHz power-SO-8 buck regulator
1
1 Vishay Dale, Inc., tel: 1 402-644-4218, http://www.vishay.com
2 Vishay Sprague, Inc., tel: 1 207-490-7256, http://www.vishay.com
3 Diodes Inc, tel: (805) 446-4800, http://www.diodes.com
4 Sumida, tel: (408) 982-9960, http://www.sumida.com
5 Micro Commercial Components, tel: (800) 346-3371
6 Micrel, tel: (408) 944-0800, http://www.micrel.com
Figure 7a. Bottom Side Copper
Figure 7c. Bottom Side Silk Screen
Figure 7b. Top Side Copper
Figure 7d. Top Side Silk Screen
Printed Circuit Board
Evaluation Board Optimized for Low Input Voltage by using Feed-Forward Diode Configuration (V
IN = 4V to 16V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com