Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF102 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor MICRF102 Datasheet HTML 10Page - Micrel Semiconductor MICRF102 Datasheet HTML 11Page - Micrel Semiconductor MICRF102 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 2002
9
MICRF102
MICRF102
Micrel
Design Examples
Complete reference designs including gerber files can be
downloaded from Micrel’s website at www.micrel.com/prod-
uct-info/qwikradio.shtml.
Antenna Characteristics
In this design, the desired loop inductance value is deter-
mined according to the table below.
Freq.
R
XL
Ind
Q
K
(MHz)
(ohms) (ohms)
(nH)
(XL/R)
300
1.7
84.5
44.8
39.72
0.83
315
2.34
89.3
45.1
39.65
0.85
390
3.2
161
47.4
52.00
0.90
434
2.1
136
50.0
78.33
0.96
The reference design shown in Figure 6. has an antenna
meeting this requirement.
Figure 6
Loop antennas are often considered highly directional. In fact
small loop antennas can achieve transmit patterns close in
performance to a Dipole antenna. The radiation pattern
below is the theoretical radiation pattern for the antenna
shown in Figure 6.
E-total, phi = 0¡
E-total, phi = 90¡
(180-phi) direction
phi direction
30.0
180.0
60.0
120.0
150.0
150.0
120.0
60.0
30.0
0.0
Figure 7. Polar Elevation pattern at 315MHz
The 0 degree plot is the radiation pattern in the plane of the
transmitter PCB, the 90 degree plot represents the plane
perpendicular to the PCB. Micrel’s evaluation of the perfor-
mance of the board in Figure 6. indicates an even more
uniform radiation pattern that the theoretical plot shown here.
Supply Bypassing
Supply bypassing consists of three capacitors; C3 = 4.7uF,
C4 = 0.1uFand C5 = 100pF
C4
0.1 F
16V
C5
100pF
50V
C3
4.7 F
16V
+5VTX
VDD
VSS
MICRF102BM
2
3
PC
1
ASK 8
ANTP 7
ANTM 6
SB 5
REFOSC
4
Figure 8.
Example to Calculate C
S and CP
Antenna Inductance Calculation
Length_mils = 2815
dmils = 70
k = 0.85
Length
Length_mils 25.4
1000
Length
71.501
=
×
()
=
d
dmils
d
=
×
()
=
25 4
1000
1 778
.
.
L
0.2 Length ln
Length
d
1.6
10
k
L44 10
9
9
=×
×
−


××
=×
−
−
Where Length and d are in mm and L is in H;
Where k is a constant dependent on pcb material, copper
thickness, etc
MICRF102 Series Capacitor Calculation
f = 315
× 106
L = 46
× 10-9
C
VAR = 5 × 10
-12
C
P = 12 × 10
-12
C
l
fL
C
T
T
=
×× ×
=× −
4
555 10
22
12
ππ
.
C
CC
C
SERIES
T
VAR
SERIES
=
−
=× −
1
11
82 10
12
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com