Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

508FX2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 508FX2
Description  Industrial Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

508FX2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  508FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 3Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
508FX2 Industrial Ethernet Switch
N-Tron Networking Series
Industrial Ethernet Switch
ADVANCED MANAGEMENT FEATURES
The 508FX2-Aoffers several management functions that can be easily congured
using the COM Port (DB 9 connector located on the right side of the switch).
IGMP Snooping: Internet Group Management Protocol allows the N-Tron switch
to intelligently forward and lter multicast trafc.
VLAN: Virtual Local Area Network allows switch segmentation in order to create
two or more separate local area network domains.
QoS: Quality of Service streamlines network operation by managing packet
priority. The primary goal of QoS is to improve the latency of prioritized Ethernet
packets required for ring management, real-time and other interactive applications.
Trunking: Trunking (aggregation) enables multiple physical ports to be linked
together and function as one uplink to another identically congured trunking-
capable switch. This feature increases the bandwidth between switches and
creates redundancy for applications requiring high levels of fault tolerant operation.
Port Mirroring: Port mirroring allows trafc on one port to be duplicated and
sent to a designated mirror port. This function can be used to monitor Ethernet
trafc on the designated source port using the assigned mirror port.
N-View OPC Switch Monitoring: (With -A or -N Option Only) N-View OPC
server software can be used with popular HMI software packages to transmit
operational information from N-View-capable switches. This technology enables
network trafc monitoring, as well as alarm and trending details. In all, the N-View
OPC Server collects 41 different trafc variables per port and ve system level
variables per switch, providing a complete overview of network load, service
quality, and packet trafc. Empowered with N-View OPC Server data, users can
resolve network problems faster and make more informed decisions about overall
system performance.
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
508FX-A
PRODUCT FEATURES
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• American Bureau of Shipping (ABS) Type Approval
• Six (6) 10/100 BaseTX RJ-45 Ports
• Two (2) 100BaseFX Ports, ST (shown) or SC
• -40ºC to 85ºC Operating Temperature
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Up to 1.6 Gb/s Maximum Throughput
• Rugged Industrial DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• Bi-Color LEDs For Link, Speed, Activity & Duplex Status
Advanced Management Functions (With -A option only):
• IGMP Snooping
• VLAN
• QoS
• Trunking and Mirroring
• N-View™ (Remote Monitoring Using OPC Technology)
PRODUCT OVERVIEW
The N-TRON® 508FX2 Series Industrial Ethernet Switch offers outstanding
performance and ease of use. It is ideally suited for connecting Ethernet-enabled
industrial and/or security equipment and can be optionally congured with advanced
Ethernet communication management functions.
Industrial Packaging and Specications
The 508FX2, designed to operate in industrial environments, is housed in a
rugged DIN-rail-mounted steel enclosure. Optional panel and rack mount kits
are also available. The switch comes standard with extended temperature rating,
extended shock and vibration specs, redundant power inputs, and a high MTBF
(greater than 2M hours).
Ease of Use
The 508FX2 requires no setup unless the advanced port functions are utilized.
The six 10/100BaseTX ports are auto sensing and auto conguring. Each copper
port automatically negotiates maximum speed and performance by default. The
two ber optic ports support full 200Mb/s communications via 100BaseFX. Bi-color
LEDs are provided to display the link status, link speed and activity of each port
as well as power on/off status.
Performance
The 508FX2 supports up to 4,000 MAC addresses and uses advanced IEEE 802.3
Fast Ethernet 10/100BaseTX switching technology to eliminate network collisions
and increase network determinism. A high-speed processor and backplane allow
full-wire speed capability on all ports simultaneously.
ADVANCED MANAGEMENT FEATURES
The 508FX2-Aoffers several management functions that can be easily congured
using the COM Port (DB 9 connector located on the right side of the switch).
IGMP Snooping: Internet Group Management Protocol allows the N-Tron switch
to intelligently forward and lter multicast trafc.
VLAN: Virtual Local Area Network allows switch segmentation in order to create
two or more separate local area network domains.
QoS: Quality of Service streamlines network operation by managing packet
priority. The primary goal of QoS is to improve the latency of prioritized Ethernet
packets required for ring management, real-time and other interactive applications.
Trunking: Trunking (aggregation) enables multiple physical ports to be linked
together and function as one uplink to another identically congured trunking-
capable switch. This feature increases the bandwidth between switches and
creates redundancy for applications requiring high levels of fault tolerant operation.
Port Mirroring: Port mirroring allows trafc on one port to be duplicated and
sent to a designated mirror port. This function can be used to monitor Ethernet
trafc on the designated source port using the assigned mirror port.
N-View OPC Switch Monitoring: (With -A or -N Option Only) N-View OPC
server software can be used with popular HMI software packages to transmit
operational information from N-View-capable switches. This technology enables
network trafc monitoring, as well as alarm and trending details. In all, the N-View
OPC Server collects 41 different trafc variables per port and ve system level
variables per switch, providing a complete overview of network load, service
quality, and packet trafc. Empowered with N-View OPC Server data, users can
resolve network problems faster and make more informed decisions about overall
system performance.
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
508FX-A
PRODUCT FEATURES
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• American Bureau of Shipping (ABS) Type Approval
• Six (6) 10/100 BaseTX RJ-45 Ports
• Two (2) 100BaseFX Ports, ST (shown) or SC
• -40ºC to 85ºC Operating Temperature
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Up to 1.6 Gb/s Maximum Throughput
• Rugged Industrial DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• Bi-Color LEDs For Link, Speed, Activity & Duplex Status
Advanced Management Functions (With -A option only):
• IGMP Snooping
• VLAN
• QoS
• Trunking and Mirroring
• N-View™ (Remote Monitoring Using OPC Technology)
PRODUCT OVERVIEW
The N-TRON® 508FX2 Series Industrial Ethernet Switch offers outstanding
performance and ease of use. It is ideally suited for connecting Ethernet-enabled
industrial and/or security equipment and can be optionally congured with advanced
Ethernet communication management functions.
Industrial Packaging and Specications
The 508FX2, designed to operate in industrial environments, is housed in a
rugged DIN-rail-mounted steel enclosure. Optional panel and rack mount kits
are also available. The switch comes standard with extended temperature rating,
extended shock and vibration specs, redundant power inputs, and a high MTBF
(greater than 2M hours).
Ease of Use
The 508FX2 requires no setup unless the advanced port functions are utilized.
The six 10/100BaseTX ports are auto sensing and auto conguring. Each copper
port automatically negotiates maximum speed and performance by default. The
two ber optic ports support full 200Mb/s communications via 100BaseFX. Bi-color
LEDs are provided to display the link status, link speed and activity of each port
as well as power on/off status.
Performance
The 508FX2 supports up to 4,000 MAC addresses and uses advanced IEEE 802.3
Fast Ethernet 10/100BaseTX switching technology to eliminate network collisions
and increase network determinism. A high-speed processor and backplane allow
full-wire speed capability on all ports simultaneously.
ADVANCED MANAGEMENT FEATURES
The 508FX2-Aoffers several management functions that can be easily congured
using the COM Port (DB 9 connector located on the right side of the switch).
IGMP Snooping: Internet Group Management Protocol allows the N-Tron switch
to intelligently forward and lter multicast trafc.
VLAN: Virtual Local Area Network allows switch segmentation in order to create
two or more separate local area network domains.
QoS: Quality of Service streamlines network operation by managing packet
priority. The primary goal of QoS is to improve the latency of prioritized Ethernet
packets required for ring management, real-time and other interactive applications.
Trunking: Trunking (aggregation) enables multiple physical ports to be linked
together and function as one uplink to another identically congured trunking-
capable switch. This feature increases the bandwidth between switches and
creates redundancy for applications requiring high levels of fault tolerant operation.
Port Mirroring: Port mirroring allows trafc on one port to be duplicated and
sent to a designated mirror port. This function can be used to monitor Ethernet
trafc on the designated source port using the assigned mirror port.
N-View OPC Switch Monitoring: (With -A or -N Option Only) N-View OPC
server software can be used with popular HMI software packages to transmit
operational information from N-View-capable switches. This technology enables
network trafc monitoring, as well as alarm and trending details. In all, the N-View
OPC Server collects 41 different trafc variables per port and ve system level
variables per switch, providing a complete overview of network load, service
quality, and packet trafc. Empowered with N-View OPC Server data, users can
resolve network problems faster and make more informed decisions about overall
system performance.
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
508FX-A
PRODUCT FEATURES
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• American Bureau of Shipping (ABS) Type Approval
• Six (6) 10/100 BaseTX RJ-45 Ports
• Two (2) 100BaseFX Ports, ST (shown) or SC
• -40ºC to 85ºC Operating Temperature
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Up to 1.6 Gb/s Maximum Throughput
• Rugged Industrial DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• Bi-Color LEDs For Link, Speed, Activity & Duplex Status
Advanced Management Functions (With -A option only):
• IGMP Snooping
• VLAN
• QoS
• Trunking and Mirroring
• N-View™ (Remote Monitoring Using OPC Technology)
PRODUCT OVERVIEW
The N-TRON® 508FX2 Series Industrial Ethernet Switch offers outstanding
performance and ease of use. It is ideally suited for connecting Ethernet-enabled
industrial and/or security equipment and can be optionally congured with advanced
Ethernet communication management functions.
Industrial Packaging and Specications
The 508FX2, designed to operate in industrial environments, is housed in a
rugged DIN-rail-mounted steel enclosure. Optional panel and rack mount kits
are also available. The switch comes standard with extended temperature rating,
extended shock and vibration specs, redundant power inputs, and a high MTBF
(greater than 2M hours).
Ease of Use
The 508FX2 requires no setup unless the advanced port functions are utilized.
The six 10/100BaseTX ports are auto sensing and auto conguring. Each copper
port automatically negotiates maximum speed and performance by default. The
two ber optic ports support full 200Mb/s communications via 100BaseFX. Bi-color
LEDs are provided to display the link status, link speed and activity of each port
as well as power on/off status.
Performance
The 508FX2 supports up to 4,000 MAC addresses and uses advanced IEEE 802.3
Fast Ethernet 10/100BaseTX switching technology to eliminate network collisions
and increase network determinism. A high-speed processor and backplane allow
full-wire speed capability on all ports simultaneously.


Similar Part No. - 508FX2

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
logo
Aries Electronics, Inc.
508 ARIES-508 Datasheet
814Kb / 1P
Compatible with Automatic Insertion Equipment
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
Lead-Free 3AB Fuse
logo
France Joint
508 FRANCEJOINT-508 Datasheet
728Kb / 4P
PISTON SEALS
logo
Premier Farnell Limited...
508-366A-T DURATOOL-508-366A-T Datasheet
110Kb / 1P
Spare Tip
01/04/13 V1.0
More results

Similar Description - 508FX2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
317FX REDLION-317FX Datasheet
453Kb / 3P
Unmanaged Industrial Ethernet Switch
306FX2 REDLION-306FX2 Datasheet
443Kb / 3P
Unmanaged Industrial Ethernet Switch
111FX3 REDLION-111FX3 Datasheet
724Kb / 3P
Unmanaged Industrial Ethernet Switch
106FX2 REDLION-106FX2 Datasheet
834Kb / 3P
Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
Industrial Ethernet Switch
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
Industrial Ethernet Switch
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
Industrial Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com