Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q21B Datasheet(PDF) 4 Page - ELM Electronics

Part # GD25Q21B
Description  2M-bit Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21B Datasheet(HTML) 4 Page - ELM Electronics

  GD25Q21B Datasheet HTML 1Page - ELM Electronics GD25Q21B Datasheet HTML 2Page - ELM Electronics GD25Q21B Datasheet HTML 3Page - ELM Electronics GD25Q21B Datasheet HTML 4Page - ELM Electronics GD25Q21B Datasheet HTML 5Page - ELM Electronics GD25Q21B Datasheet HTML 6Page - ELM Electronics GD25Q21B Datasheet HTML 7Page - ELM Electronics GD25Q21B Datasheet HTML 8Page - ELM Electronics GD25Q21B Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
1. FEATURES
2M-bit Serial Flash
- 256K-byte
- 256 bytes per programmable page
Standard, Dual, Quad SPI
- Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
- Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
- Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
High Speed Clock Frequency
- 104MHz for fast read with 30PF load
- Dual I/O Data transfer up to 208Mbits/s
- Quad I/O Data transfer up to 416Mbits/s
Software/Hardware Write Protection
- Write protect all/portion of memory via software
- Enable/Disable protection with WP# pin
- Top or Bottom, Sector or Block selection
Program/Erase Speed
- Page Program time: 0.35ms typical
- Sector Erase time: 50ms typical
- Block Erase time: 0.18/0.25s typical
- Chip Erase time: 0.8s typical
Flexible Architecture
- Sector of 4K-byte
- Block of 32/64K-byte
Low Power Consumption
- 12mA maximum active current
- 5μA maximum power down current
Single Power Supply Voltage
- Full voltage range: 2.7~3.6V
♦ Minimum 100,000 Program/Erase Cycles
Advanced security Features
- Power Supply Lock-Down
- 3×512-Byte Security Registers With OTP Locks
- Volatile and Non-volatile Status Register Bits
http://www.elm-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com