Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116TX Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 116TX
Description  Unmanaged Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

116TX Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  116TX Datasheet HTML 1Page - Red Lion Controls. Inc 116TX Datasheet HTML 2Page - Red Lion Controls. Inc 116TX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
116TX Specifications
Designed to comply with
• IEEE 1613 for electric utility substations
•NEMATS1/TS2fortrafficcontrol
RegulatoryCertifications
• Safety: Class I, Division 2, Groups A, B, C and D, T4
• EMI: ANSI C63.4; FCC CFR Title 47, Part 15, Subpart B - Class A;
ICES-003 – Class A
• EMC: EN61000-6-4 – Class A (Emissions), EN 55024 (Immunity),
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT),
EN61000-4-5 (Surge), EN61000-4-6 (RF), EN61000-4-8 (PFMF),
EN61000-4-11 (VDI)
• Other: ABS Type Approval for Shipboard Applications;
GOST-R certified; RoHS compliant
Further information regarding this product's regulatory conformity can be found on
the N-Tron website at www.n-tron.com/regulatory
SPECIFICATIONS
Case Dimensions
Height:
5.8"
(14.6 cm)
Width:
2.0"
(5.1 cm)
Depth:
4.1"
(10.2 cm)
Weight: 1.1 lb.
(.48 kg)
DIN-Rail: 35mm
Electrical
Redundant Input Voltage: 10-49 VDC (regulated)
Input Current (max): 300 mA@24 VDC
BTU/hr: 24.6@24 VDC
N-TRON Power Supply: NTPS-24-1.3 (1.3A@24V)
Environmental
Operating Temperature: -40oC to 85oC
Storage Temperature: -40oC to 85oC
Operating Humidity: 10% to 95% (non condensing)
Operating Altitude: 0 to 10,000 ft.
Shock and Vibration (Bulkhead Mounted)
Shock: 200g@10ms
Vibration/Seismic: 50g, 5-200hz triaxial
Reliability
MTBF: >2 million hours
Network Media
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
Connectors
10/100BaseTX: Sixteen (16) RJ-45 copper ports
Recommended Wiring Clearance
Top: 1" (2.6 cm)
Front: 2" (5.1 cm)
116TX
www.n-tron.com
116TX
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
116TX ..................................................................... Sixteen-port (16 10/100BaseTX Ports) Industrial Ethernet switch
NTPS-24-1.3........................................................... N-TRON DIN-rail power supply (1.3 amp@24VDC)
®2012N-TRON,Corporation.N-TronandtheN-TronlogoaretrademarksofN-TRON,Corporation.Productnamesmentionedhereinareforidentificationpurposesonlyandmay
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warrantiesastothefitnessorsuitabilityofanyN-Tronproductforanyspecificapplication.N-TronCorporationshallnotbeliableforanydamageresultingfromtheinstallation,use,or
misuseofthisproduct.Specificationssubjecttochangewithoutnotice.REV2014.08.25
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
3101 International Blvd. Building 6
Mobile, AL 36606 • USA
Phone +1-251-342-2164
Fax +1-251-342-6353
www.n-tron.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com