Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB12M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MSB12M
Description  1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB12M Datasheet(HTML) 4 Page - Diodes Incorporated

  MSB12M Datasheet HTML 1Page - Diodes Incorporated MSB12M Datasheet HTML 2Page - Diodes Incorporated MSB12M Datasheet HTML 3Page - Diodes Incorporated MSB12M Datasheet HTML 4Page - Diodes Incorporated MSB12M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSB12M
Document number: DS37025 Rev. 4 - 2
4 of 5
www.diodes.com
May 2016
© Diodes Incorporated
MSB12M
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSB
MSB
Dim
Min
Max
Typ
A
1.10
 1.30 1.20
A1
0.00
0.05 0.02
A4
0.05
0.08
-
A5
0.03
0.08 0.05
b
0.55
0.70 0.60
c
0.12
0.18 0.15
D
4.40
4.60 4.50
E
4.90
5.10 5.00
E1
5.60
5.80 5.70
E3
2.95
3.05 3.00
e
3.45
3.55 3.50
L
0.65
0.75 0.70
x
0.60
0.70 0.65
y
0.60
0.70 0.65
All Dimensions in mm
Dimensions
Value
(in mm)
C
3.55
X
0.90
Y
1.05
Y1
6.10
E
E1
e
D
y
x
Pin#1
L
b
c
A5
E3
A
Seating Plane
A1
A4
X
Y
Y1
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com