Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2KDFQ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S2KDFQ-13
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2KDFQ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  S2KDFQ-13 Datasheet HTML 1Page - Diodes Incorporated S2KDFQ-13 Datasheet HTML 2Page - Diodes Incorporated S2KDFQ-13 Datasheet HTML 3Page - Diodes Incorporated S2KDFQ-13 Datasheet HTML 4Page - Diodes Incorporated S2KDFQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S2KDFQ
Document number: DS38754 Rev. 2 - 2
2 of 5
www.diodes.com
June 2016
© Diodes Incorporated
S2KDFQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 8)
VRRM
VRWM
VR
800
V
RMS Reverse Voltage
VR(RMS)
560
V
Average Rectified Output Current
@ TA = +25°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
55
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 7)
RθJT
23
°C/W
Typical Thermal Resistance, Junction to Air (Note 7)
RθJA
82
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
800


V
IR = 10µA
Forward Voltage
VF



0.90
0.78
0.95
0.84
1.0

1.1
V
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
IF = 2A, TJ = +25°C
IF = 2A, TJ = +125°C
Reverse Leakage Current (Note 8)
IR

0.12
0.005
5
µA
mA
VR = 800V, TJ = +25°C
VR = 800V, TJ = +125°C
Total Capacitance
CT

8
pF
VR = 4VDC, f = 1MHz
Notes:
6. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0.1" x 0.15" copper pads.
7. Device mounted on FR-4 substrate, 0.4" x 0.5", 2oz, single-sided, PC boards with 0.2" x 0.25" copper pads.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com