Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4448G Datasheet(PDF) 83 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 83 Page - Micronas

Back Button MSP4448G Datasheet HTML 77Page - Micronas MSP4448G Datasheet HTML 78Page - Micronas MSP4448G Datasheet HTML 79Page - Micronas MSP4448G Datasheet HTML 80Page - Micronas MSP4448G Datasheet HTML 81Page - Micronas MSP4448G Datasheet HTML 82Page - Micronas MSP4448G Datasheet HTML 83Page - Micronas MSP4448G Datasheet HTML 84Page - Micronas MSP4448G Datasheet HTML 85Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
83
7.3. Application Circuit
SC1_OUT_L 37
SC1_OUT_R 36
SC2_OUT_L 34
SC2_OUT_R 33
5 V
5 V
8 V
5V
5V
MSP 44x8G
D_CTR_I/O_0 78
D_CTR_I/O_1 77
AUD_CL_OUT 74
TESTEN 70
+
100
Ω
100
Ω
100
Ω
100
Ω
22
µF
22
µF
22
µF
22
µF
+
+
+
DACA_R 24
1 nF
1 nF
1 nF
1 nF
DACA_L 25
DACM_R 27
DACM_L 28
1
µF
1
µF
1
µF
1
µF
Main Channel
Tuner 1
Tuner 2
IF 2 IN
Signal GND
IF 1 IN
56 pF
56 pF
56 pF
+
3.3
µF
100
nF
100
nF
10
µF
+
if ANA_IN2+
8V(5 V)
18.432
MHz
+
+
10
µF10 µF
60 MONO_IN
56 SC1_IN_L
57 SC1_IN_R
55 ASG
53 SC2_IN_L
54 SC2_IN_R
52 ASG
50 SC3_IN_L
51 SC3_IN_R
49 ASG
47 SC4_IN_L
48 SC4_IN_R
80 STANDBYQ
79 ADR_SEL
3 I2C_DA
2 I2C_CL
75 ADR_WS
10 ADR_CL
8 ADR_DA
5 I2S_WS
4 I2S_CL
7 I2S_DA_IN1
17 I2S_DA_IN2/3
6 I2S_DA_OUT
220
pF
Alternative circuit for
ANA_IN1+ for more
attenuation of video
100 pF
56 pF
1 k
Ω
ANA_IN1+
AHVSS
AHVSS
AHVSS
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
DVSS
DVSS
AVSS
components:
C s. section 4.6.2.
RESETQ
(from Controller, see section 4.6.3.3.)
Note: Pin numbers refer
to the PQFP80 package.
1.5
nF
470
pF
10
µF
1.5
nF
470
pF
10
µF
1.5
nF
470
pF
10
µF
22 I2S_DA_IN3
20 I2S_WS_3
19 I2S_CL_3
Aux Channel/
FM-Modulator
Aux Channel
(5 V)
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com