Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP45N06/D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTP45N06/D
Description  Power MOSFET 45 Amps, 60 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP45N06/D Datasheet(HTML) 5 Page - ON Semiconductor

  NTP45N06/D Datasheet HTML 1Page - ON Semiconductor NTP45N06/D Datasheet HTML 2Page - ON Semiconductor NTP45N06/D Datasheet HTML 3Page - ON Semiconductor NTP45N06/D Datasheet HTML 4Page - ON Semiconductor NTP45N06/D Datasheet HTML 5Page - ON Semiconductor NTP45N06/D Datasheet HTML 6Page - ON Semiconductor NTP45N06/D Datasheet HTML 7Page - ON Semiconductor NTP45N06/D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTP45N06, NTB45N06
http://onsemi.com
5
1
0.1
0.01
0.00001
1
0.1
0.01
0.001
0.0001
10
t, TIME (s)
Normalized to R
θJC at Steady State
Figure 13. Thermal Response
10
0.01
0.001
Figure 14. Thermal Response
t, TIME (s)
0.00001
0.001
0.01
1
0.1
1000
100
10
1
0.1
0.0001
Normalized to R
θJA at Steady State,
1
″ square Cu Pad, Cu Area 1.127 in2,
3 x 3 inch FR4 board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com