Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591S Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87591S Datasheet HTML 1Page - National Semiconductor (TI) PC87591S Datasheet HTML 2Page - National Semiconductor (TI) PC87591S Datasheet HTML 3Page - National Semiconductor (TI) PC87591S Datasheet HTML 4Page - National Semiconductor (TI) PC87591S Datasheet HTML 5Page - National Semiconductor (TI) PC87591S Datasheet HTML 6Page - National Semiconductor (TI) PC87591S Datasheet HTML 7Page - National Semiconductor (TI) PC87591S Datasheet HTML 8Page - National Semiconductor (TI) PC87591S Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 437 page
background image
www.national.com
2
Revision 1.07
Features (Continued)
Device-Specific Information
The following table compares features for the devices in the PC87591x family. The features listed below are a superset of
the PC87591x family.
Features
■
Processing Unit
— CompactRISC CR16B 16-bit embedded RISC pro-
cessor core (the “core”)
— 2 Mbyte address space
■
Internal Memory
— Up to 128 Kbytes of on-chip flash memory (4 Kbytes
of ROM in the PC87591L)
— Supports BIOS (flash) memory sharing with PC host
— On-chip flash is field upgradable by host, CR16B,
parallel interface or JTAG
— Boot blocks for both CR16B and Host Code
— Memory contents protection and security
— Hardware-protected boot zone with block protection
circuit
— 2K (PC87591E/L) or 4K of on-chip RAM (PC87591S)
— All memory types can hold both code and data
■
Expansion Memory (Optional in 176-pin package)
— Up to 1 Mbyte of additional code and data
— Supports BIOS (flash) memory sharing with PC host
— Supports external memory power-down mode
— Field upgradable with flash or SRAM devices
— Supports host-controlled code download and up-
date
— Bus Interface Unit (BIU)
❏
Three address zones for static devices (SRAM,
ROM, flash, I/O)
❏
Configurable wait states and fast-read, single-
cycle bus cycles
❏
8- or 16-bit wide bus
■
LPC System Interface
— Synchronous cycles, up to 33 MHz bus clock
— Serial IRQ
— I/O and Memory read and write cycles
— Bootable memory support
— Bus Master read and write cycles
— Reset input
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— LPCPD and CLKRUN support
— FWH Transaction support
■
Security Function Support
— Random Number Generator (RNG)
— Full Random using temperature, voltage and system
noise.
— Memory access protection
Embedded Controller System Features
■
Host Bus Interface (HBI)
— Three host interface channels, typically used for the
KBC, ACPI Private or Shared EC channels
— 8042 KBC standard Interface (legacy 6016, 6416)
— Intel 80C51SL compatible
— IRQ1 and IRQ12 support
— Fast Gate A20 and Fast Host Reset via firmware
— PM interface port (legacy 6216, 6616)
— ACPI Embedded Controller with either Shared or
Private interface
— IRQ, SMI or SCI generation
Function
PC87591E
128-Pin
PC87591E
176-Pin
PC87591S
128-Pin
PC87591S
176-Pin
PC87591L
176-Pin
Flash Size
64K
64K
128K
128K
–
ROM Size
––––
4K
RAM Size
2K2K4K4K2K
General-Purpose Input/Output Ports (GPIO)
62
93
62
93
93
Shared BIOS
NO
YES
NO
YES
YES
RNG
NO
NO
YES
YES
NO
Memory Protection
NO
NO
YES
YES
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com